Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMF6 Datasheet(PDF) 3 Page - Rohm

Part # EMF6
Description  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMF6 Datasheet(HTML) 3 Page - Rohm

  EMF6 Datasheet HTML 1Page - Rohm EMF6 Datasheet HTML 2Page - Rohm EMF6 Datasheet HTML 3Page - Rohm EMF6 Datasheet HTML 4Page - Rohm EMF6 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMF6
Transistors
3/5
!
!
!
!
Electrical characteristic curves
Tr1
0
1
100
1000
10
BASE TO EMITTER VOLTAGE : VBE
(V)
1.4
1.0
1.2
0.4
0.6
0.8
0.2
VCE
=2V
Pulsed
Fig.1 Grounded emitter propagation
characteristics
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
1
10
1000
100
Ta
=125°C
Ta
=−40°C
Ta
=25°C
VCE
=2V
Pulsed
Fig.2 DC current gain vs.
collector current
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
1
10
1000
100
Ta
=25°C
Pulsed
IC/IB
=50
IC/IB
=20
IC/IB
=10
Fig.3 Collector-emitter saturation voltage
vs. collector current (
Ι )
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
1
10
1000
100
Ta
=25°C
Ta
=−40°C
Ta
=125°C
IC/IB
=20
Pulsed
Fig.4 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
10
100
10000
1000
Ta
=25°C
Ta
=−40°C
Ta
=125°C
IC/IB
=20
Pulsed
Fig.5 Base-emitter saturation voltage
vs. collector current
1
10
100
1000
EMITTER CURRENT : IE (mA)
1
10
1000
100
VCE
=2V
Ta
=25°C
Pulsed
Fig.6 Gain bandwidth product
vs. emitter current
1
10
100
0.1
1
10
100
1000
Ta
=25
°C
f
=1MHz
IE
=0A
EMITTER TO BASE VOLTAGE : VEB(V)
Cib
Cob
Fig.7 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage


Similar Part No. - EMF6

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMF60B02VA EXCELLIANCE-EMF60B02VA Datasheet
181Kb / 5P
   Dual P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF60P02J EXCELLIANCE-EMF60P02J Datasheet
197Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF60P02K EXCELLIANCE-EMF60P02K Datasheet
193Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF65N15A EXCELLIANCE-EMF65N15A Datasheet
218Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMF6

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com