Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5131IWZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5131IWZ-T7
Description  500MHz Low Noise Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5131IWZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  EL5131IWZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 19. LARGE SIGNAL FALL TIME
FIGURE 20. SMALL SIGNAL RISE TIME
FIGURE 21. SMALL SIGNAL FALL TIME
FIGURE 22. TURN OFF TIME
FIGURE 23. TURN ON TIME
FIGURE 24. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
TIME (10ns/DIV)
CH1
CH2
INPUT
OUTPUT
∆=2.12V
CH1=500mV
CH2=500mV
AV=+10
VS=±5V
TIME (10ns/DIV)
CH1
CH2
INPUT
OUTPUT
∆=1.16V
CH1=200mV
CH2=500mV
AV=+10
VS=±5V
TIME (10ns/DIV)
CH1
CH2
INPUT
OUTPUT
∆=1.16V
CH1=200mV
CH2=500mV
AV=+10
VS=±5V
200ns/DIV
AV=+10
VS=±5V
CH1=1V
CH2=200mV
CH1
CH2
200ns/DIV
AV=+10
VS=±5V
CH1=1V
CH2=200mV
CH1
CH2
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
100
50
85
543mW
1.136W
SO8
θJA=110°C/W
SOT23-5
θJA=230°C/W
EL5130, EL5131


Similar Part No. - EL5131IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5131IWZ-T7 INTERSIL-EL5131IWZ-T7 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5131IWZ-T7 INTERSIL-EL5131IWZ-T7 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5131IWZ-T7 RENESAS-EL5131IWZ-T7 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5131IWZ-T7A INTERSIL-EL5131IWZ-T7A Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5131IWZ-T7A INTERSIL-EL5131IWZ-T7A Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
More results

Similar Description - EL5131IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com