Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4303 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4303
Description  Voltage Sample and Infinite Hold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS4303 Datasheet HTML 1Page - Maxim Integrated Products DS4303 Datasheet HTML 2Page - Maxim Integrated Products DS4303 Datasheet HTML 3Page - Maxim Integrated Products DS4303 Datasheet HTML 4Page - Maxim Integrated Products DS4303 Datasheet HTML 5Page - Maxim Integrated Products DS4303 Datasheet HTML 6Page - Maxim Integrated Products DS4303 Datasheet HTML 7Page - Maxim Integrated Products DS4303 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Voltage Sample and Infinite Hold
6
_____________________________________________________________________
Detailed Description
The DS4303 provides a precise, NV output voltage,
VOUT, making it an ideal solution for factory calibration
of embedded systems. The DS4303 output voltage can
be adjusted over almost the entire operating supply
range of the device, and it can be precisely set to with-
in ±1mV. A graphical description of the DS4303 is pro-
vided in the block diagram.
During factory calibration, a simple adjustment proce-
dure must be followed. This entire procedure includes
setting VIN, toggling ADJ, waiting as VOUT self-adjusts,
and waiting for the completion of the EEPROM storage
cycle (See the timing diagram in Figure 1). At the start
of calibration, a voltage must be placed on VIN. This
voltage needs to be completely stable before the
adjustment procedure begins, and it must remain sta-
ble throughout the entire adjustment procedure. The
DS4303 will start its self-adjust procedure when the
ADJ pin is pulled low and held low for at least tADJ,
after which it can be released at any time. Once ADJ
has been released, it should not be toggled again for
the remainder of the adjustment procedure. After the
falling edge on ADJ and the wait time, tADJ, the VOUT
self-adjust period begins. The length of the VOUT self-
adjust period can be determined using the formula
∆V x tST, where ∆V is | VOUT OLD - VOUT NEW |.
ADJ
GND
VOUT
VCC
VCC
VIN
VCC
RPD
RPU
VREF
ADC
AND
CONTROL
EEPROM
12-BIT
DAC
DS4303
Figure 1. Timing Diagram
PIN
NAME
FUNCTION
1
ADJ
Adjust Control Input
2
GND
Ground
3VIN
Sample Voltage Input
4
VOUT
Voltage Output
5VCC
Power-Supply Voltage
Pin Description
Block Diagram
VOUT
VIN
ADJ
tW
tW
FIRST PROGRAMMING CYCLE
ADDITIONAL PROGRAMMING CYCLES (IF REQUIRED)
tADJ
tADJ
tADJ
∆VOUT x tST
∆VOUT x tST
∆VOUT
∆VOUT


Similar Part No. - DS4303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4300D++ MAXIM-DS4300D+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
DS4300P++ MAXIM-DS4300P+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Dallas Semiconductor
DS4301U-200 DALLAS-DS4301U-200 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results

Similar Description - DS4303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com