Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1145AEAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1145AEAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1145AEAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1145AEAP Datasheet HTML 1Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1145AEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
14-Bit ADCs, 150ksps, 3.3V Single Supply
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (Figures 5 and 6) (continued)
(AVDD = DVDD = 3.3V ±5%, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Tested at AVDD = DVDD = 3.3V, bipolar input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and offset
error have been nullified.
Note 3: Offset nullified.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle. Includes
the acquisition time.
Note 5: Acquisition time is 5 clock cycles in short acquisition mode and 13 clock cycles in long acquisition mode.
Note 6: Performance is limited by the converter’s noise floor, typically 300µVP-P.
Note 7: When an external reference has a different voltage than the specified typical value, the full scale of the ADC scales propor-
tionally.
Note 8: Defined as the change in positive full scale caused by a ±5% variation in the nominal supply voltage.
Typical Operating Characteristics
(MAX1144/MAX1145, AVDD = DVDD = 3.3V, fSCLK = 3.6MHz, external clock (50% duty cycle), 24 clocks/conversion (150ksps),
bipolar input, REF = 2.048V, 4.7µF on REF, 1µF on CREF, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
13649
11943
8531
10237
3413
5119
6825
1707
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
1
15355
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
13649
11943
8531
10237
3413
5119
6825
1707
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
1
15355
TOTAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
8.0
-40
A: AVDD, DVDD = 3.135V
B: AVDD, DVDD = 3.3V
C: AVDD, DVDD = 3.465V
C
B
A


Similar Part No. - MAX1145AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX114-MAX118 MAXIM-MAX114-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX1145AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com