Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1835MN20R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1835MN20R2
Description  Integrated Li?묲on Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1835MN20R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1835MN20R2 Datasheet HTML 1Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 2Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 3Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 4Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 5Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 6Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 7Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 8Page - ON Semiconductor NCP1835MN20R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP1835
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Typical values are tested at VCC = 5.0 V and room temperature, maximum and minimum values
are guaranteed over 0
°C to 70°C with a supply voltage in the range of 4.3 V to 6.5 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
VCC SUPPLY
Operating Supply Range
VCC
2.8
6.5
V
Rising VCC Threshold
VRISE
3.0
3.4
3.95
V
Falling VCC Lockout Threshold
VFALL
2.0
2.4
2.8
V
Quiescent VCC Pin Supply Current
Shutdown (EN = Low)
Normal Operation (EN = High)
IVCC
IVCC
30
1.0
mA
mA
Battery Drain Current
Manual Shutdown (VCC = 5.0 V, VSNS = 4.0 V, EN = Low)
IBMS
3.0
mA
CHARGING PERFORMANCE
Regulated Output Voltage in Constant Voltage (CV) Mode
4.2 V Version, ICHG = 10 mA
4.242 V Version, ICHG = 10 mA
VREG
4.158
4.200
4.200
4.242
4.242
4.284
V
Dropout Voltage (VBAT = 3.7 V, ICHG = 0.5 A)
200
300
mV
Pre−Charge Threshold Voltage
VPC
2.52
2.8
3.08
V
Pre−Charge Current (RISEL = 80 kW, VBAT = 2.0 V)
IPC
78
100
122
mA
Recommended Full Charge Current
IFCHG
300
1000
mA
Full−Charge Current in Constant Current (CC) Mode (RISEL = 80 kW, VBAT = 3.7 V)
IFCHG
0.9
1.0
1.1
A
End−of−Charge Threshold (RISEL = 80 kW, VBAT = VREG)
IEOC
78
100
122
mA
Recharge Voltage Threshold
VRECH
3.9
4.03
4.155
V
Thermal Foldback Limit (Junction Temperature) (Note 5)
TLIM
100
°C
OSCILLATOR
Oscillation Period (CTIME = 15 nF)
TOSC
2.4
3.0
3.6
ms
STATUS FLAGS
CFLG Pin Recommended Maximum Operating Voltage
VCFLG
6.5
V
FAULT Pin Recommended Maximum Operating Voltage
VFAULT
6.5
V
CFLG Pin Sink Current (VCFLG = 0.8 V)
ICFLG
5.0
mA
FAULT Pin Sink Current (VFAULT = 0.8 V)
IFAULT
5.0
mA
5. Guaranteed by design. Not tested in production.


Similar Part No. - NCP1835MN20R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835MN20R2 ONSEMI-NCP1835MN20R2 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1835MN20R2G ONSEMI-NCP1835MN20R2G Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
More results

Similar Description - NCP1835MN20R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835_0603 ONSEMI-NCP1835_0603 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1835BMNR2G ONSEMI-NCP1835BMNR2G Datasheet
112Kb / 14P
   Integrated Li?묲on Charger
September, 2006 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com