Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1835MN24T2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1835MN24T2
Description  Integrated Li?묲on Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1835MN24T2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1835MN24T2 Datasheet HTML 7Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 8Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 9Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 10Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 11Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 12Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 13Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 14Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP1835
http://onsemi.com
11
APPLICATION INFORMATION
Input and Output Capacitor Selection
A 4.7
mF or higher value ceramic capacitor is
recommended for the input bypass capacitor. For the output
capacitor, when there is no battery inserted and the
NCP1835 is used as an LDO with 4.2 V or 4.242 V output
voltage, a 4.7
mF or higher value tantalum capacitor is
recommended for stability. With the battery attached, the
output capacitor can be any type with the value higher than
0.1
mF.
RISEL Resistor Selection for Programming Charge
Current
A single resistor, RISEL, between the ISEL pin and
ground programs the pre−charge current, full charge
current, and end−of−charge detection threshold. The
nominal voltage of ISEL is 0.8 V. The charge current out
of BAT pin is 100,000 times the current out of ISEL pin.
Therefore, the full charge current (IFCHG) is:
IFCHG + 100, 000
0.8
RISEL
(A)
(eq. 1)
IPC and IEOC are 10% of the value programmed above
with the RISEL resistor.
The following table and curves show the selection of the
resistance value for desired currents.
Table 2. Charge Current vs. RISEL
IFCHG (mA)
IPC / IEOC (mA)
RISEL (kW)
300
30
267
500
50
160
600
60
133.3
700
70
114.3
800
80
100
900
90
88.9
1000
100
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
80
100
120
140
160
180
200
RISEL (kW)
Figure 16. Full−Charge Current (IFCHG) vs.
Current Select Resistor (RISEL)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
80
100
120
140
160
180
200
Figure 17. Pre−Charge Current (IPCHG) vs.
Current Select Resistor (RISEL)
RISEL (kW)
CTIME Selection for Programming Charge Time
The NCP1835 offers an end−of−charge timeout timer to
prevent the battery from continuously charging which can
cause premature aging or safety issues. The timing
capacitor between TIMER pin and ground, CTIME, sets the
end−of−charge time, TIMEOUT, and the pre−charge
timeout. This capacitor is required for proper device
operation.
The internal oscillator charges CTIME to 1.2 V and then
discharges it to 0.6 V with 6
mA current in one period.
Therefore, the period of the oscillator is:
TOSC + 2
CTIME
dVc
IC
+ 0.2
106
CTIME (sec)
(eq. 2)
A 22−binary counter counts every oscillator period until
it reaches the maximum number corresponding to
end−of−charge time, TIMEOUT.
TIMEOUT
+ 222
TOSC + 14
CTIME
1nF
(minute)
(eq. 3)
The NCP1835 will terminate charging and give a timeout
signal if the battery has not completed charging within the
TIMEOUT period. The timeout signal then forces the
FAULT pin low.


Similar Part No. - NCP1835MN24T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835MN24T2 ONSEMI-NCP1835MN24T2 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1835MN24T2G ONSEMI-NCP1835MN24T2G Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
More results

Similar Description - NCP1835MN24T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835_0603 ONSEMI-NCP1835_0603 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1835BMNR2G ONSEMI-NCP1835BMNR2G Datasheet
112Kb / 14P
   Integrated Li?묲on Charger
September, 2006 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com