Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74VCX16244A Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74VCX16244A
Description  16-Bit Buffer/Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16244A Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74VCX16244A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16244A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8160C
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16244
16-Bit Buffer/Driver
with3-StateOutputs
AC Electrical Characteristics(1)
Notes
1. For CL = 50pF add approximatly 300ps to AC maximum specification
2. Skew is defined as the absolute value of the difference between the actual propagation delay for any
two separate outputs of the same device. The specification applies to any outputs switching in the
same direction, either HIGH or LOW (t
OSHL) or LOW to HIGH (tOSLH).
Capacitance
Dynamic Switching Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
,
C
°
5
8
+
o
t
C
°
0
4
-
=
A
T
L
R
,
F
p
0
3
=
L
0
0
5
=
s
t
i
n
U
V D
D
V
3
.
0
±
V
3
.
3
=V D
D
V
2
.
0
±
V
5
.
2
=V D
D
V
8
.
1
=
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t L
H
P
t
,
H
L
P
y
a
l
e
D
p
o
r
P8
.
05
.
20
.
10
.
35
.
10
.
5
s
n
t L
Z
P
t
,
H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O8
.
05
.
30
.
11
.
45
.
15
.
6
t Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O8
.
05
.
30
.
18
.
35
.
10
.
5
t
L
H
S
O
t H
L
S
O
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
2
(
5
.
05
.
05
.
0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CV D
D
TA
C
°
5
2
+
=
l
a
c
i
p
y
T
s
t
i
n
U
V P
L
O
V
k
a
e
P
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
L
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
2
.
0
6
.
0
8
.
0
V
V V
L
O
V
y
e
ll
a
V
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
L
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
2
.
0
-
6
.
0
-
8
.
0
-
V V
H
O
V
y
e
ll
a
V
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
H
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
.
1
9
.
1
2
.
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
C
º
5
2
+
=
A
T
l
a
c
i
p
y
T
s
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V D
D
,
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=
V1
V
r
o
V
0
=
D
D
6
F
p
C T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
V1
V
r
o
V
0
=
,
D
D
V D
D
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=
7
C D
P
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
V1
V
r
o
V
0
=
,
D
D
z
H
M
0
1
=
F
V D
D
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=0
2


Similar Part No. - PI74VCX16244A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74VCX16244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com