Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC3011A Datasheet(PDF) 7 Page - Texas Instruments

Part # GC3011A
Description  3.3V DIGITAL RESAMPLER CHIP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC3011A Datasheet(HTML) 7 Page - Texas Instruments

Back Button GC3011A Datasheet HTML 3Page - Texas Instruments GC3011A Datasheet HTML 4Page - Texas Instruments GC3011A Datasheet HTML 5Page - Texas Instruments GC3011A Datasheet HTML 6Page - Texas Instruments GC3011A Datasheet HTML 7Page - Texas Instruments GC3011A Datasheet HTML 8Page - Texas Instruments GC3011A Datasheet HTML 9Page - Texas Instruments GC3011A Datasheet HTML 10Page - Texas Instruments GC3011A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Texas Instruments Incorporated
- 5 -
GC3011A 3.3V DIGITAL RESAMPLER
SLWS136A
This document contains information which may be changed at any time without notice
by setting the interpolation ratio to a value close to the actual ratio1 and setting the adaption constants 2-A
and 2-B, where A and B are constants ranging from 0 to 31.
These constants set the adaption rate and the tracking bandwidth of the adaption loop. These
constants can also be set to zero in order to clear the 2-A or 2-B feedback paths or to freeze the adaption
process. A large value for B will slow the adaption process and will reduce the phase jitter, but will also
decrease the tracking bandwidth of the loop. The adaption time when the interpolation ratio starts at zero
will be approximately 2B clock cycles. The tracking bandwidth of the loop is determined by how fast the loop
will adapt to an output rate change and if it adapts fast enough to prevent a FIFO overflow or underflow error.
Since the FIFO has a range of +/- 8 samples, the tracking range in Hz is approximately 2(3-B) times the input
clock rate2.
The constant 2-A is used to dampen the adaption loop to prevent ringing. The value of A should be
approximately one-half of B. Note that small values of A will introduce residual phase jitter equal to +/-
360x2-A degrees.
The values of A and B are application dependant. If adaption time is important, then a two-stage
adaption process may be desirable. An initial setting of B equal to 16 and A equal to 12 will allow the loop
to converge rapidly. Once the loop has converged, A and B can be set to minimize residual phase noise.
Settings between 22 and 31 for B and between 14 and 15 for A are suggested. A setting of B=22 gives a
tracking bandwidth of 128 Hz. A setting of B=31 would reduce the tracking bandwidth to about 0.25 Hz.
2.5.3
External Adaption Mode
The RLL can be adapted from an external error signal using the EIN and EVAL inputs to the chip.
In this mode the user uses an external circuit to detect resampling rate errors and drives the EIN with a 0 or
a 1. A ‘1’ means increase the ratio and a‘0’ means decrease it. A high level on the EVAL signal identifies
when the EIN signal is valid. The EVAL and EIN signals are clocked into the chip on the rising edge of the
input clock.
2.5.4
The Ratio-Hold Register
The user can monitor current resampling ratio using the Ratio-Hold Register. This register captures
and holds the most significant 16 bits of the current resampling ratio when the RATIO_HOLD bit is set (See
Section 4.8). This register can be used to determine if the resampler has converged in the adaptive
interpolation mode (See Section 2.5.2 above).
1. This speeds up the adaption, but is not necessary for the adaption to work. The ratio can be set to zero if desired.
2. The chip will converge to the correct interpolation ratio outside of the tracking bandwidth, but while it is converging
the FIFO will overflow or underflow so that the data output will be corrupted until it re-converges.


Similar Part No. - GC3011A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC3011 TI-GC3011 Datasheet
214Kb / 33P
[Old version datasheet]   DIGITAL RESAMPLER
GC3011-PQ TI-GC3011-PQ Datasheet
214Kb / 33P
[Old version datasheet]   DIGITAL RESAMPLER
More results

Similar Description - GC3011A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC3011 TI-GC3011 Datasheet
214Kb / 33P
[Old version datasheet]   DIGITAL RESAMPLER
GC1012B TI-GC1012B Datasheet
249Kb / 28P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
GC2011A TI-GC2011A Datasheet
504Kb / 50P
[Old version datasheet]   3.3V DIGITAL FILTER CHIP
GC1012B TI-GC1012B_07 Datasheet
290Kb / 30P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
logo
Lattice Semiconductor
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
logo
ON Semiconductor
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
logo
Cypress Semiconductor
CY7C53120L8 CYPRESS-CY7C53120L8 Datasheet
508Kb / 14P
   3.3V Neuron Chip Network Processor
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com