Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC1GU04 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC1GU04
Description  Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC1GU04 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC1GU04 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC1GU04 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HC1GU04
5
Switching Characteristics
Item
Symbol T
a = 25°C
Unit
Test Conditions
Min
Typ
Max
Output rise / fall time
t
TLH
t
THL
4
10
ns
Test circuit
Propagation delay time
t
PLH
t
PHL
3
15
ns
Test circuit
(C
L = 15 pF, tr = tf = 6 ns, VCC = 5 V)
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test Conditions
V
CC
Min
Typ
Max
Min
Max
Output rise / fall time
t
TLH
2.0
25
125
155
ns
Test circuit
t
THL
4.5
12
25
31
6.0
10
21
26
Propagation delay time
t
PLH
2.0
17
100
125
ns
Test circuit
t
PHL
4.5
7
20
25
6.0
6.5
17
21
Input capacitance
C
IN
2.5
5
5
pF
Equivalent capacitance
C
PD
——
10
——
pF
(C
L = 50 pF, tr = tf = 6 ns)
Note:
C
PD is equivalent capacitance inside of the IC calculated from the operating current without load (see
test circuit). The average operating current without load is calculated according to the expression
below.
I
CC (opr) = CPD V CC fIN + ICC


Similar Part No. - HD74HC1GU04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC1GU04 RENESAS-HD74HC1GU04 Datasheet
55Kb / 8P
   Unbuffered Inverter
HD74HC1GU04CME RENESAS-HD74HC1GU04CME Datasheet
55Kb / 8P
   Unbuffered Inverter
More results

Similar Description - HD74HC1GU04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com