Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN27C4000G-12 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HN27C4000G-12
Description  524288-Word 짰8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN27C4000G-12 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HN27C4000G-12 Datasheet HTML 2Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 3Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 4Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 5Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 6Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 7Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 8Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 9Page - Hitachi Semiconductor HN27C4000G-12 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AC Characteristics (VCC = 5 V ± 10%, VPP = VSS to VCC, Ta = 0 to +70°C)
Test Conditions
• Input pulse levels: 0.45 to 2.4 V
• Input rise and fall times:
≤ 10 ns
• Output load: 1 TTL gate +100 pF
• Reference levels for measuring timing: 0.8 V, 2.0 V
HN27C4000 HN27C4000 HN27C4000
-10
-12
-15
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test conditions
Address to output delay
tACC
100
120
150
ns
CE = OE = VIL
CE to output delay
tCE
100
120
150
ns
OE = VIL
OE to output delay
tOE
60
60
70
ns
CE = VIL
Burst address to
tBAC
50
60
60
ns
CE = VIL
output delay
OE high to output float *1
tDF
0
35
0
40
0
50
ns
CE = VIL
Address to output hold
tOH
5—
5—
5—
ns
CE = OE = VIL
Note:
1. tDF is defined as the time at which the output achieves the open circuit condition and data is no
longer driven.
Read Timing Waveform
6
HN27C4000G Series
Address
CE
OE
Data Out
Data Out Valid
tACC
tCE
tOE
tOH
tDF
Standby mode
Active mode
Standby mode


Similar Part No. - HN27C4000G-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C4096HCC HITACHI-HN27C4096HCC Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN27C4096HCC-85 HITACHI-HN27C4096HCC-85 Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN27C4096HG HITACHI-HN27C4096HG Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN27C4096HG-85 HITACHI-HN27C4096HG-85 Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
More results

Similar Description - HN27C4000G-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C4096HCC HITACHI-HN27C4096HCC Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
   32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
HN62408 HITACHI-HN62408 Datasheet
189Kb / 5P
   524288-WORD X 16-BIT/1048576-WORD X 8-BIT CMOS MASK PROGRAMMABLE ROM
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
   8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Toshiba Semiconductor
TC574200D TOSHIBA-TC574200D Datasheet
326Kb / 12P
   262,144 WORD x 16 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
logo
Toshiba Semiconductor
TC57H256D TOSHIBA-TC57H256D Datasheet
692Kb / 13P
   32.768 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY
logo
Mitsubishi Electric Sem...
M5M27C202K-12I MITSUBISHI-M5M27C202K-12I Datasheet
552Kb / 8P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com