Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SS08561M Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY27SS08561M
Description  256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SS08561M Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY27SS08561M Datasheet HTML 4Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 5Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 6Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 7Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 8Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 9Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 10Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 11Page - Hynix Semiconductor HY27SS08561M Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Rev 0.7 / Oct. 2004
8
HY27SS(08/16)561M Series
HY27US(08/16)561M Series
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
SIGNAL DESCRIPTIONS
See Figure 1, Logic Diagram and Table 1, Signal Names, for a brief overview of the signals connected to this device.
Inputs/Outputs (I/O0-I/O7)
Input/Outputs 0 to 7 are used to input the selected address, output the data during a Read opertion or input a com-
mand or data during a Write operation. The inputs are latched on the rising edge of Write Enable. I/O0-I/O7 can be left
floating when the device is deselected or the outputs are disabled.
Inputs/Outputs (I/O8-I/O15)
Input/Outputs 8 to 15 are only available in x16 devices. They are used to output the data during a Read operation or
input data during a Write operation. Command and Address Inputs only require I/O0 to I/O7.
The inputs are latched on the rising edge of Write Enable. I/O8-I/O15 can be left floating when the device is deselected
or the outputs are disabled.
Address Latch Enable (ALE)
The Address Latch Enable activates the latching of the Address inputs in the Command Interface. When ALE is high,
the inputs are latched on the rising edge of Write Enable.
Command Latch Enable (CLE)
The Command Latch Enable activates the latching of the Command inputs in the Command Interface. When CLE is
high, the inputs are latched on the rising edge of Write Enable.
Chip Enable (CE)
The Chip Enable input activates the memory control logic, input buffers, decoders and sense amplifiers. When Chip En-
able is low, VIL, the device is selected. If Chip Enable goes high, VIH, while the device is busy, the device remains se-
lected and does not go into standby mode.
When the device is executing a Sequential Row Read operation, Chip Enable must be held low (from the second page
read onwards) during the time that the device is busy (tBLBH1). If Chip Enable goes high during tBLBH1 the operation is
aborted.
Read Enable (RE)
The Read Enable, RE, controls the sequential data output during Read operations. Data is valid tRLQV after the falling
edge of RE. The falling edge of RE also increments the internal column address counter by one.
Write Enable (WE)
The Write Enable input, WE, controls writing to the Command Interface, Input Address and Data latches. Both
addresses and data are latched on the rising edge of Write Enable.
During power-up and power-down a recovery time of 1us (min) is required before the Command Interface is ready to
accept a command. It is recommended to keep Write Enable high during the recovery time.
Write Protect (WP)
The Write Protect pin is an input that gives a hardware protection against unwanted program or erase operations.
When Write Protect is Low, VIL, the device does not accept any program or erase operations.
It is recommended to keep the Write Protect pin Low, VIL, during power-up and power-down.


Similar Part No. - HY27SS08561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08561A HYNIX-HY27SS08561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
More results

Similar Description - HY27SS08561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08561A HYNIX-HY27SS08561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
HY5S5B6GLF-6 HYNIX-HY5S5B6GLF-6 Datasheet
3Mb / 52P
   256Mbit (16Mx16bit) Mobile SDR Memory
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
   2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
logo
Hynix Semiconductor
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
   4Gbit (512Mx8bit) NAND Flash
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com