Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SS16561M Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY27SS16561M
Description  256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SS16561M Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY27SS16561M Datasheet HTML 1Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 2Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 3Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 4Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 5Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 6Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 7Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 8Page - Hynix Semiconductor HY27SS16561M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
This document is a general product description and is subject to change without notice. Hynix does not assume any responsibility for
use of circuits described. No patent licenses are implied.
Rev 0.7 / Oct. 2004
2
HY27SS(08/16)561M Series
HY27US(08/16)561M Series
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES
- Cost effective solutions for mass storage applications
NAND INTERFACE
- x8 or x16 bus width.
- Multiplexed Address/ Data
- Pinout compatibility for all densities
SUPPLY VOLTAGE
- 3.3V device: VCC = 2.7 to 3.6V : HY27USXX561M
- 1.8V device: VCC = 1.7 to 1.95V : HY27SSXX561M
Memory Cell Array
- 256Mbit = 528 Bytes x 32 Pages x 2,048 Blocks
PAGE SIZE
- x8 device : (512 + 16 spare) Bytes
: HY27US08561M
- x16 device: (256 + 8 spare) Words
: HY27US16561M
BLOCK SIZE
- x8 device: (16K + 512 spare) Bytes
- x16 device: (8K + 256 spare) Words
PAGE READ / PROGRAM
- Random access: 10us (max)
- Sequential access: 50ns (min)
- Page program time: 200us (typ)
COPY BACK PROGRAM MODE
- Fast page copy without external buffering
FAST BLOCK ERASE
- Block erase time: 2ms (Typ)
STATUS REGISTER
ELECTRONIC SIGNATURE
CHIP ENABLE DON'T CARE OPTION
- Simple interface with microcontroller
AUTOMATIC PAGE 0 READ AT POWER-UP
OPTION
- Boot from NAND support
- Automatic Memory Download
SERIAL NUMBER OPTION
HARDWARE DATA PROTECTION
- Program/Erase locked during Power transitions
DATA INTEGRITY
- 100,000 Program/Erase cycles
- 10 years Data Retention
PACKAGE
- HY27US(08/16)561M-T(P)
: 48-Pin TSOP1 (12 x 20 x 1.2 mm)
- HY27US(08/16)561M-T (Lead)
- HY27US(08/16)561M-TP (Lead Free)
- HY27US08561M-V(P)
: 48-Pin WSOP1 (12 x 17 x 0.7 mm)
- HY27US08561M-V (Lead)
- HY27US08561M-VP (Lead Free)
- HY27(U/S)S(08/16)561M-F(P)
: 63-Ball FBGA (9.0 x 11 x 1.0 mm)
- HY27US(08/16)561M-F (Lead)
- HY27US(08/16)561M-FP (Lead Free)
- HY27SS(08/16)561M-F (Lead)
- HY27SS(08/16)561M-FP (Lead Free)


Similar Part No. - HY27SS16561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS16561A HYNIX-HY27SS16561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
More results

Similar Description - HY27SS16561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08561A HYNIX-HY27SS08561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
HY5S5B6GLF-6 HYNIX-HY5S5B6GLF-6 Datasheet
3Mb / 52P
   256Mbit (16Mx16bit) Mobile SDR Memory
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
   2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
logo
Hynix Semiconductor
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
   4Gbit (512Mx8bit) NAND Flash
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com