Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87973I-147 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS87973I-147
Description  LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87973I-147 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS87973I-147 Datasheet HTML 2Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 3Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 4Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 5Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 6Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 7Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 8Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 9Page - Integrated Circuit Systems ICS87973I-147 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
87973DYI-147
www.icst.com/products/hiperclocks.html
REV. A AUGUST 26, 2003
8
Integrated
Circuit
Systems, Inc.
ICS87973I-147
LOW SKEW, 1-TO-12
LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 6. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
÷2
0
5
1z
H
M
÷4
5
2
1z
H
M
÷6
3
3
.
3
8z
H
M
÷8
5
.
2
6z
H
M
)
Ø
(
t
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
1
E
T
O
N
0
K
L
C
B
F
Q
÷8
z
H
M
0
5
=
y
c
n
e
u
q
e
r
F
n
I
0
1
-5
4
10
0
3s
p
1
K
L
C5
6
-0
95
4
2s
p
K
L
C
n
,
K
L
C0
3
1
-8
15
6
1s
p
t
)
o
(
k
s2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
0
2s
p
t
)
c
c
(
t
ij4
,
3
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C4
÷
s
k
n
a
B
ll
A5
5s
p
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P0
4
20
0
5z
H
M
t
K
C
O
L
3
E
T
O
N
;
e
m
i
T
k
c
o
L
L
L
P
0
1S
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
OV
2
o
t
V
8
.
00
5
10
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O5
45
5%
t
L
Z
P
t
,
H
Z
P
3
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O2
0
1s
n
t
Z
L
P
t
,
Z
H
P
3
E
T
O
N
;
e
m
I
T
e
l
b
a
s
i
D
t
u
p
t
u
O2
8
s
n
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N


Similar Part No. - ICS87973I-147

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results

Similar Description - ICS87973I-147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
logo
Integrated Circuit Syst...
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com