Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N821AUR-1TR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N821AUR-1TR
Description  6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N821AUR-1TR Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N821AUR-1TR Datasheet HTML 1Page - Microsemi Corporation JANTX1N821AUR-1TR Datasheet HTML 2Page - Microsemi Corporation JANTX1N821AUR-1TR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.2 & 6.55 Volt Temperature Compensated
Surface Mount Zener Reference Diodes
SCOTTSD A L E DIVISION
1N821UR thru 1N829AUR-1
(or MLL821 thru MLL829-1)
DESCRIPTION
APPEARANCE
The 1N821UR thru 1N829AUR-1 series of surface mount Zero-TC
Reference Diodes provides a selection of both 6.2 V and 6.55 V nominal
voltages and temperature coefficients to as low as 0.0005%/oC for minimal
voltage change with temperature when operated at 7.5 mA. These glass
surface mount DO-213AA (MELF) reference diodes are optionally available
with an internal-metallurgical-bond by adding a “-1” suffix. This type of
bonded Zener package construction is also available in JAN, JANTX, and
JANTXV military qualifications.
Microsemi also offers numerous other
Zener Reference Diode products for a variety of other voltages up to 200 V.
DO-213AA
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Surface mount equivalent of JEDEC registered
1N821 thru 1N829 series
• Internal metallurgical bond option available by adding
a “-1” suffix
• Reference voltage selection of 6.2 V & 6.55 V +/-5%
with further tight tolerance options at lower voltage
• 1N821, 823, 825, 827 and 829 also have surface
mount qualification to MIL-PRF-19500/159 by adding
the JAN, JANTX, or JANTXV prefixes to part
numbers a well as the “-1” suffix; e.g. JANTX1N829-
1, etc.
• Axial-leaded equivalents also available in DO-35 or
DO-7 without the UR suffix (see separate data sheet)
including military qualifications up to JANS for DO-7
(see separate data sheet)
• JANS equivalent available in DO-213AA via SCD
• Provides minimal voltage changes over a broad
temperature range
• For instrumentation and other circuit designs
requiring a stable voltage reference
• Maximum temperature coefficient selections available
from 0.01%/ºC to 0.0005%/ºC
• Tight reference voltage tolerances available with
center nominal value of 6.15 V by adding designated
tolerance such as 1%, 2%, 3%, etc. after the part
number for identification
e.g. 1N827UR-2%, 1N829AUR-1-1%, etc.
• Small surface-mount footprint
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Typical low capacitance of 100 pF or less
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Operating Temperatures: -65
oC to +175oC
Storage Temperatures: -65
oC to +175oC
DC Power Dissipation: 500 mW @ TL = 25
oC and
maximum current IZM of 70 mA. NOTE: For
optimum voltage-temperature stability, IZ = 7.5 mA
(less than 50 mW in dissipated power)
Solder Temperatures: 260
oC for 10 s (max)
CASE: Hermetically sealed glass case. DO-213AA
package
TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, Method 2026
MARKING: Cathode band (except double anode
1N822 and 1N824)
POLARITY: Reference diode to be operated with
the banded end positive with respect to the
opposite end
TAPE & REEL option: Standard per EIA-481-B with
12 mm tape, 2000 per 7 inch reel or 5000 oer 13
inch reel (add “TR” suffix to part number)
WEIGHT: 0.04 grams.
See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
12-19-2003 REV A


Similar Part No. - JANTX1N821AUR-1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N821AUR-1 MICROSEMI-JANTX1N821AUR-1 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
JANTX1N821AUR-1-1 MICROSEMI-JANTX1N821AUR-1-1 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
JANTX1N821AUR-1-2 MICROSEMI-JANTX1N821AUR-1-2 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
More results

Similar Description - JANTX1N821AUR-1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com