Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD40A43612H Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD40A43612H
Description  4-bit HMCS400-Series microcomputer
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD40A43612H Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD40A43612H Datasheet HTML 1Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 2Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 3Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 4Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 5Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 6Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 7Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 8Page - Hitachi Semiconductor HD40A43612H Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
HD404369 Series
3
Ordering Information
Type
Instruction Cycle Time
Product Name
Model Name
ROM (Words) Package
Mask ROM Standard version (f
OSC= 5 MHz)
HD404364
HD404364S
4,096
DP-64S
HD404364F
FP-64B
HD404364H
FP-64A
HD404368
HD404368S
8,192
DP-64S
HD404368F
FP-64B
HD404368H
FP-64A
HD4043612
HD4043612S
12,288
DP-64S
HD4043612F
FP-64B
HD4043612H
FP-64A
HD404369
HD404369S
16,384
DP-64S
HD404369F
FP-64B
HD404369H
FP-64A
High speed versions
HD40A4364
HD40A4364S
4,096
DP-64S
(f
OSC
= 8.5 MHz)
HD40A4364F
FP-64B
HD40A4364H
FP-64A
HD40A4368
HD40A4368S
8,192
DP-64S
HD40A4368F
FP-64B
HD40A4368H
FP-64A
HD40A43612
HD40A43612S
12,288
DP-64S
HD40A43612F
FP-64B
HD40A43612H
FP-64A
HD40A4369
HD40A4369S
16,384
DP-64S
HD40A4369F
FP-64B
HD40A4369H
FP-64A
ZTAT
(f
OSC
= 8.5 MHz)
HD407A4369
HD407A4369S
16,384
DP-64S
HD407A4369F
FP-64B
HD407A4369H
FP-64A


Similar Part No. - HD40A43612H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD40A43612H RENESAS-HD40A43612H Datasheet
421Kb / 117P
   microcomputer has an A/D converter
More results

Similar Description - HD40A43612H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404356 HITACHI-HD404356 Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Hitachi Semiconductor
HD404918 HITACHI-HD404918 Datasheet
1Mb / 45P
   CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
HD44795 HITACHI-HD44795 Datasheet
689Kb / 11P
   4-Bit CMOS Microcomputer
logo
Toshiba Semiconductor
TMP47C423AF TOSHIBA-TMP47C423AF Datasheet
543Kb / 24P
   CMOS 4-bit Microcomputer
logo
Hitachi Semiconductor
HD613901 HITACHI-HD613901 Datasheet
655Kb / 11P
   4-BIT CMOS MICROCOMPUTER
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com