Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC164245PV Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74ALVC164245PV
Description  CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC164245PV Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74ALVC164245PV Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 6Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 7Page - Integrated Device Technology IDT74ALVC164245PV Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVC164245
16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C; VCCA = 3.3V ± 0.3V.
OUTPUT DRIVE CHARACTERISTICS, VCCA = 3.3V ± 0.3V (A PORT)
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCCA = 2.7V to 3.6V
IOH = – 0.1mA
VCCA – 0.2
V
(B Port to A Port)
VCCA = 2.7V
IOH = – 12mA
2.2
VCCA = 3V
2.4
VCCA = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCCA = 2.7V to 3.6V
IOL = 0.1mA
0.2
V
(B Port to A Port)
VCCA = 2.7V
IOL = 12mA
0.4
VCCA = 3V
IOL = 24mA
0.55
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C; VCCB = 5V ± 0.5V.
OUTPUT DRIVE CHARACTERISTICS, VCCB = 5V ± 0.5V (B PORT)
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCCB = 4.5V
IOH = – 0.1mA
4.3
V
(A Port to B Port)
VCCB = 5.5V
5.3
VCCB = 4.5V
IOH = – 24mA
3.7
VCCB = 5.5V
4.7
VOL
OutputLOWVoltage
VCCB = 4.5V
IOL = 0.1mA
0.2
V
((A Port to B Port)
VCCB = 5.5V
0.2
VCCB = 4.5V
IOL = 24mA
0.55
VCCB = 5.5V
0.55


Similar Part No. - IDT74ALVC164245PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74ALVC164245PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LA PERICOM-PI74AVC164245LA Datasheet
334Kb / 10P
   16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC16245 IDT-IDT74ALVC16245_09 Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING RANSCEIVER
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com