Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW25T120 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW25T120
Description  TRENCHSTOP SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW25T120 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW25T120 Datasheet HTML 1Page - Infineon Technologies AG IKW25T120 Datasheet HTML 2Page - Infineon Technologies AG IKW25T120 Datasheet HTML 3Page - Infineon Technologies AG IKW25T120 Datasheet HTML 4Page - Infineon Technologies AG IKW25T120 Datasheet HTML 5Page - Infineon Technologies AG IKW25T120 Datasheet HTML 6Page - Infineon Technologies AG IKW25T120 Datasheet HTML 7Page - Infineon Technologies AG IKW25T120 Datasheet HTML 8Page - Infineon Technologies AG IKW25T120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IKW25T120
^
TrenchStop Series
Power Semiconductors
4
Preliminary / Rev. 1 Jul-02
Switching Characteristic, Inductive Load,
at Tj=150 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
t d( o n)
-50
-
Rise time
t r
-32
-
Turn-off delay time
t d( of f)
-
660
-
Fall time
t f
-
130
-
ns
Turn-on energy
Eon
-3.0
-
Turn-off energy
Eoff
-4.0
-
Total switching energy
Ets
T j =150° C
VCC =600V, IC =25A,
VGE =- 15 /15V,
R G = 2 2Ω ,
L σ
1) =180nH,
C σ
1) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-7.0
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
-
320
-
ns
Diode reverse recovery charge
Q rr
-5.2
-
µC
Diode peak reverse recovery current
I rr m
-29
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr /d t
T j =150° C
VR =600 V, IF =25A,
diF/dt =800A/ µs
-
320
A/
µs
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - IKW25T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25T120 INFINEON-IKW25T120 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
IKW25T120 INFINEON-IKW25T120_08 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
More results

Similar Description - IKW25T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW15T120 INFINEON-IGW15T120_09 Datasheet
353Kb / 12P
   TrenchStop Series
Rev. 2.5 Nov. 09
IKW15T120 INFINEON-IKW15T120_08 Datasheet
369Kb / 15P
   TrenchStop Series
Rev. 2.3 Sep 08
IKP10N60T INFINEON-IKP10N60T_07 Datasheet
352Kb / 13P
   TrenchStop Series
Rev. 2.3 Sep. 07
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
logo
Vincotech
10-0B06PRA004RC-L022C09 VINCOTECH-10-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
logo
Infineon Technologies A...
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
logo
Vishay Siliconix
VS-50MT060TFT VISHAY-VS-50MT060TFT Datasheet
532Kb / 9P
   Full Bridge TrenchStop IGBT, MTP Power Modules
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com