Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV44054-50JI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV44054-50JI
Description  4Mx4 bit Dynamic RAM with Fast Page Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV44054-50JI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV44054-50JI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV44054-50JI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IC41C4405x and IC41LV4405x Series
Integrated Circuit Solution Inc.
5
DR013-0B 10/17/2002
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
−1.0 to +7.0
V
3.3V
−0.5 to +4.6
VCC
Supply Voltage
5V
−1.0 to +7.0
V
3.3V
−0.5 to +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
oC
Industrial Operation Temperature
−40 to +85
oC
TSTG
Storage Temperature
−55 to +125
oC
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
−1.0
0.8
V
3.3V
−0.3
0.8
TA
Commercial Ambient Temperature
0
70
oC
Industrial Operation Temperature
−40
85
oC
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A10(A11)
5
pF
CIN2
Input Capacitance:
RAS, CAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O3
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25oC, f = 1 MHz.


Similar Part No. - IC41LV44054-50JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-50J ICSI-IC41LV44002A-50J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-50T ICSI-IC41LV44002A-50T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-60J ICSI-IC41LV44002A-60J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-60T ICSI-IC41LV44002A-60T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41LV44054-50JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
   1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com