Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ57Z30 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNJ57Z30
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ57Z30 Datasheet(HTML) 2 Page - International Rectifier

  IRHNJ57Z30 Datasheet HTML 1Page - International Rectifier IRHNJ57Z30 Datasheet HTML 2Page - International Rectifier IRHNJ57Z30 Datasheet HTML 3Page - International Rectifier IRHNJ57Z30 Datasheet HTML 4Page - International Rectifier IRHNJ57Z30 Datasheet HTML 5Page - International Rectifier IRHNJ57Z30 Datasheet HTML 6Page - International Rectifier IRHNJ57Z30 Datasheet HTML 7Page - International Rectifier IRHNJ57Z30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNJ57Z30
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
30
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.028
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.02
VGS = 12V, ID = 22A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
16
S ( )VDS > 15V, IDS = 22A ➃
IDSS
Zero Gate Voltage Drain Current
10
VDS= 24V ,VGS=0V
——
25
VDS = 24V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
65
VGS =12V, ID = 22A
Qgs
Gate-to-Source Charge
20
nC
VDS = 15V
Qgd
Gate-to-Drain (‘Miller’) Charge
10
td(on)
Turn-On Delay Time
25
VDD = 15V, ID = 22A,
tr
Rise Time
100
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
35
tf
Fall Time
30
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
2054
VGS = 0V, VDS = 25V
Coss
Output Capacitance
936
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
33
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthJ-PCB
Junction-to-PC board
6.9
soldered to a 2” square copper-clad board
°C/W
Measured from the center of
drain pad to center of source pad
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
22*
ISM
Pulse Source Current (Body Diode) ➀
——
88
VSD
Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 22A, VGS = 0V ➃
trr
Reverse Recovery Time
102
ns
Tj = 25°C, IF = 22A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
193
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by internal wire diameter


Similar Part No. - IRHNJ57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57Z30 IRF-IRHNJ57Z30 Datasheet
136Kb / 8P
   Simple Drive Requirements
IRHNJ57Z30 IRF-IRHNJ57Z30_15 Datasheet
136Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNJ57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com