Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM4Z60 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHM4Z60
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM4Z60 Datasheet(HTML) 8 Page - International Rectifier

  IRHM4Z60 Datasheet HTML 1Page - International Rectifier IRHM4Z60 Datasheet HTML 2Page - International Rectifier IRHM4Z60 Datasheet HTML 3Page - International Rectifier IRHM4Z60 Datasheet HTML 4Page - International Rectifier IRHM4Z60 Datasheet HTML 5Page - International Rectifier IRHM4Z60 Datasheet HTML 6Page - International Rectifier IRHM4Z60 Datasheet HTML 7Page - International Rectifier IRHM4Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
IRHM7Z60
Pre-Irradiation
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with VDS Bias.
24 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 25V, starting TJ = 25°C, L=0.82mH
Peak IL = 35A, VGS =12V
ISD ≤ 35A, di/dt ≤ 81A/µs,
VDD ≤ 30V, TJ ≤ 150°C
Foot Notes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/01
Case Outline and Dimensions — TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
123
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
22.73 [.895]
21.21 [.835]
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
BA
3X
4.06 [.160]
3.56 [.140]
B
R 1.52 [.060]
123
4.82 [.190]
3.81 [.150]
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
NOT ES :
1. DIME NS IONING & T OLE RANCING PE R AS ME Y14.5M-1994.
2. ALL DIMENS IONS ARE S HOWN IN MILLIMETE RS [INCHES ].
1 = DRAIN
2 = S OURCE
3 = GAT E
PIN AS S IGNME NT S
3. CONT ROLLING DIME NS ION: INCH.
4. CONFORMS T O JEDEC OUT LINE TO-254AA.
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sandblasted, machined or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that
will produce fumes containing beryllium.


Similar Part No. - IRHM4Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM4054 IRF-IRHM4054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM4130 IRF-IRHM4130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM4150 IRF-IRHM4150 Datasheet
444Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM4160 IRF-IRHM4160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM4250 IRF-IRHM4250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM4Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com