Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV2568 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61LV2568
Description  256K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV2568 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61LV2568 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IS61LV2568
ISSI®
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev.A
12/19/00
PIN CONFIGURATION
36-Pin SOJ
PIN DESCRIPTIONS
A0-A17
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Bidirectional Ports
Vcc
Power
GND
Ground
NC
No Connection
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VCC
Supply voltage with Respect to GND
–0.5 to +4.6
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
Com.
–10 to +85
°C
Ind.
–45 to +90
TSTG
Storage Temperature
–65 to +150
°C
PD
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
TRUTH TABLE
Mode
WE
CE
OE
I/O Operation Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled H
L
H
High-Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A4
A3
A2
A1
A0
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A17
A16
A15
A14
A13
NC
A5
A6
A7
A8
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A9
A10
A11
A12
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
NC
A4
A3
A2
A1
A0
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A17
A16
A15
A14
A13
NC
NC
NC
NC
NC
A5
A6
A7
A8
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A9
A10
A11
A12
NC
NC
NC
NC
44
43
42
41
44-Pin TSOP (Type II)


Similar Part No. - IS61LV2568

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10K ISSI-IS61LV2568-10K Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10KI ISSI-IS61LV2568-10KI Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10T ISSI-IS61LV2568-10T Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10TI ISSI-IS61LV2568-10TI Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV2568

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568_03 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com