Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD320-08 Datasheet(PDF) 11 Page - International Rectifier

Part # IRKD320-08
Description  STANDARD RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD320-08 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRKD320-08 Datasheet HTML 3Page - International Rectifier IRKD320-08 Datasheet HTML 4Page - International Rectifier IRKD320-08 Datasheet HTML 5Page - International Rectifier IRKD320-08 Datasheet HTML 6Page - International Rectifier IRKD320-08 Datasheet HTML 7Page - International Rectifier IRKD320-08 Datasheet HTML 8Page - International Rectifier IRKD320-08 Datasheet HTML 9Page - International Rectifier IRKD320-08 Datasheet HTML 10Page - International Rectifier IRKD320-08 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 30 - Maximum Non-Repetitive Surge Current
Fig. 31 - Maximum Non-Repetitive Surge Current
Fig. 32 - Forward Voltage Drop Characteristics
2000
3000
4000
5000
6000
7000
8000
9000
10000
1
10
100
Nu m b e r O f E q u a l Am p litu de Ha lf C yc le C u rre nt Pu lse s (N)
IR K.320 .. Series
Per Ju nctio n
In itial T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
At A n y Ra te d Lo a d C o n ditio n And W ith
R a ted V
A p p lie d Fo llo w ing Surg e .
RRM
J
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.01
0.1
1
Pu ls e Tra in D u ra tio n (s)
M a xim u m N o n R e p et itiv e Surg e C urre n t
In itia l T
= 15 0 C
N o V o lta ge R ea p p lied
R ated V
R ea p p lied
Versu s Pu lse Train D u ra tio n .
RR M
J
IR K.32 0.. Series
Per Jun ctio n
100
1000
10000
0.51
1.52
2.53
3.54
T = 25 C
J
In sta n ta n e o us F o rw a rd V o ltag e (V )
IR K.32 0.. Series
Per Ju nctio n
T = 1 50 C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Sq ua re W ave P ulse D ura tio n (s)
IRK.320.. Series
Per Junctio n
Ste ad y State V alue :
R
= 0.45 K /W
(D C O pe ra tio n )
thJ C
Fig. 33 - Thermal Impedeance Z
thJC Characteristics
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - IRKD320-08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD320-24 IRF-IRKD320-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKD320-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com