Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV2568-10K Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV2568-10K
Description  256K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV2568-10K Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV2568-10K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV2568-10K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61LV2568
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev.A
12/19/00
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.Max.Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage(1)
2.0
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND - VIN - VCC
Com.
–1
1
µA
Ind.
–5
5
ILO
Output Leakage
GND - VOUT - VCC, Outputs Disabled
Com.
–1
1
µA
Ind.
–5
5
Note:
1. VIL(min) = –0.3V (DC); VIL(min) = –2.0V (pulse width - 2.0 ns).
VIH(max) = VCC + 0.3V (DC); VIH(max) = Vcc + 2.0V (pulse width - 2.0 ns).
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 3.3V.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol
Parameter
Test Conditions
Min.Max.
Min.Max.
Min.Max.
Min.Max. Unit
ICC
Vcc Operating
VCC = Max.,
CE = VIL
Com.
150
125
110
90
mA
Supply Current
IOUT = 0 mA, f = Max.
Ind.
160
135
120
100
ISB1
TTL Standby
VCC = Max.,Com.
50
40
35
30
mA
Current
VIN = VIH or VIL
Ind.
60
50
45
40
(TTL Inputs)
CE • VIH, f = max
ISB2
CMOS Standby
VCC = Max.,Com.
10
10
10
10
mA
Current
CE - VCC – 0.2V,Ind.
20
20
20
20
(CMOS Inputs)
VIN > VCC – 0.2V, or
VIN - 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V ± 10%


Similar Part No. - IS61LV2568-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568-10K ISSI-IS61LV2568-10K Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10KI ISSI-IS61LV2568-10KI Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV2568-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568_03 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com