Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T3339S133DDI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70T3339S133DDI
Description  HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T3339S133DDI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70T3339S133DDI Datasheet HTML 1Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 2Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 3Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 4Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 5Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 6Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 7Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 8Page - Integrated Device Technology IDT70T3339S133DDI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6.42
IDT70T3339/19/99S
PRELIMINARY
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Pin Configuration(con't)(3,4,5,6,9,10)
NOTES:
3. All VDD pins must be connected to 2.5V power supply.
4. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is set to VSS (0V).
5. All VSS pins must be connected to ground supply.
6. Package body is approximately 20mm x 20mm x 1.4mm.
7. This package code is used to reference the package diagram.
8. This text does not indicate orientation of the actual part-marking.
9. Due to limited pin count, JTAG, Collison Detection and Interrupt are not supported in the DD-144 package.
10. Pins 109 and 72 will be VREFL and VREFR respectively for future HSTL device.
1. Pin is a NC for IDT70T3319 and IDT70T3399.
2. Pin is a NC for IDT70T3399.
VSS
VDDQR
VSS
I/O9L
I/O9R
I/O10L
I/O10R
I/O11L
I/O11R
VDDQL
VSS
I/O12L
I/O12R
VDDQR
ZZR
VDD
VDD
VSS
VSS
VDDQL
VSS
I/O13R
I/O13L
I/O14R
I/O14L
VDDQR
VSS
I/O15R
I/O15L
I/O16R
I/O16L
I/O17R
I/O17L
VSS
VDDQL
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
OPTL
VDDQR
VSS
I/O8L
I/O8R
I/O7L
I/O7R
I/O6L
I/O6R
VSS
VDDQL
I/O5L
I/O5R
VSS
VDDQR
VDD
VDD
VSS
VSS
ZZL
VDDQL
I/O4R
I/O4L
I/O3R
I/O3L
VSS
VDDQR
I/O2R
I/O2L
I/O1R
I/O1L
I/O0R
I/O0L
VSS
VDDQL
OPTR
70T3339/19/99DD
DD-144(7)
144-Pin TQFP
Top View(8)
5652 drw 02a
,
01/07/03


Similar Part No. - IDT70T3339S133DDI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T3339S133DDI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com