Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7Q163652A Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K7Q163652A
Description  512Kx36 & 1Mx18 QDRTM b2 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q163652A Datasheet(HTML) 1 Page - Samsung semiconductor

  K7Q163652A Datasheet HTML 1Page - Samsung semiconductor K7Q163652A Datasheet HTML 2Page - Samsung semiconductor K7Q163652A Datasheet HTML 3Page - Samsung semiconductor K7Q163652A Datasheet HTML 4Page - Samsung semiconductor K7Q163652A Datasheet HTML 5Page - Samsung semiconductor K7Q163652A Datasheet HTML 6Page - Samsung semiconductor K7Q163652A Datasheet HTML 7Page - Samsung semiconductor K7Q163652A Datasheet HTML 8Page - Samsung semiconductor K7Q163652A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b2 SRAM
- 1 -
Rev 1.0
July 2002
K7Q163652A
K7Q161852A
Document Title
512Kx36-bit, 1Mx18-bit QDRTM SRAM
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Revision History
Rev. No.
0.0
0.1
0.2
0.3
0.4
0.5
1.0
Remark
Advance
Advance
Advance
Advance
Advance
Preliminary
Final
History
1. Initial document.
1. Amendment
1) Page 3,4 PIN NAME DESCRIPTION
W (4A) : from Read Control Pin to Write Control
R (8A) : from Write Control Pin to Read Control
BW0(7B),BW1(7A),BW2(5A),BW3(5B) :
from Read Control Pin to Byte Wrtie Control
2) Page 7 STATE DIAGRAM
from LEAD NOP to READ NOP
1. Amendment
1) Page 8 WRITE TRUTH TABLE(x36)
BW2,BW3 values for WRITE ALL BYTEs( K
↑ ) and
WRITE ALLBYTEs( K
↑ ) : from "H" to " L"
2) Page 13 TIMING WAVE FORMS Note 2 supplement
1. 1.8V I/O supply voltage addition
1) Page 2 FEATURES
2) Page 3,4 PIN NAME VDDQ
3) Page 10, OPERATING CONTITIONS
4) Page 11 AC TEST CONTITIONS
2. Amendment
1) Page 15 BOUNDARY SCAN ORDER EXIT
1. Icc, Isb addition
2. 1.8V Vddq addition
1. Reserved pin for high density name change from NC to Vss/SA
1. Final SPEC release
2. Modify thermal resistance
Draft Date
April, 30, 2001
May, 13, 2001
May, 26, 2001
June, 11, 2001
Sep,03, 2001
Nov, 30, 2001
July, 03. 2002


Similar Part No. - K7Q163652A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC10 SAMSUNG-K7Q163654A-FC10 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC13 SAMSUNG-K7Q163654A-FC13 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC16 SAMSUNG-K7Q163654A-FC16 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC20 SAMSUNG-K7Q163654A-FC20 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
More results

Similar Description - K7Q163652A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161862 SAMSUNG-K7Q161862 Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7R161882B SAMSUNG-K7R161882B Datasheet
428Kb / 19P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com