Electronic Components Datasheet Search |
|
K7Q161852A Datasheet(PDF) 5 Page - Samsung semiconductor |
|
K7Q161852A Datasheet(HTML) 5 Page - Samsung semiconductor |
5 / 17 page 512Kx36 & 1Mx18 QDRTM b2 SRAM - 5 - Rev 1.0 July 2002 K7Q163652A K7Q161852A The K7Q163652A and K7Q161852A are 18,874,368-bits QDR(Quad Data Rate) Synchronous Pipelined Burst SRAMs. They are organized as 524,288 words by 36bits for K7Q163652A and 1,048,576 words by 18 bits for K7Q161852A. The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports with the same cycle. Memory bandwidth is maxmized as data can be transfered into sram on every rising edge of K and K, and transfered out of sram on every rising edge of C and C. And totally independent read and write ports eliminate the need for high speed bus turn around. Address, data inputs, and all control signals are synchronized to the input clock ( K or K ). Normally data outputs are synchronized to output clocks ( C and C ), but when C and C are tied high, the data outputs are synchronized to the input clocks ( K and K ). Read address is registered on rising edges of the input K clocks, and write address is registered on rising edges of the input K clocks. Common address bus is used to access address both for read and write operations. The internal burst counter is fiexd to 2-bit sequential for both read and write operations. Synchronous pipeline read and early write enable high speed operations. Simple depth expansion is accomplished by using R and W for port selection. Byte write operation is supported with BW0 and BW1 ( BW2 and BW3 ) pins. IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoriing package pads attachment status with system. The K7Q163652A and K7Q161852A are implemented with SAMSUNG's high performance 6T CMOS technology and is available in 165pin FBGA packages. Multiple power and ground pins minimize ground bounce. GENERAL DESCRIPTION Read Operations Read cycles are initiated by activating R at the rising edge of the positive input clock K. Address is presented and stored in the read address register synchronized with K clock. For 2-bit burst DDR operation, it will access two 36-bit or 18-bit data words with each read command. The first pipelined data is transfered out of the device triggered by C clock following next K clock rising edge. Next burst data is triggered by the rising edge of following C clock rising edge. Continuous read operations are initiated with K clock rising edge. And pipelined data are transferred out of device on every rising edge of both C and C clocks. In case C and C tied to high, output data are triggered by K and K instead of C and C. When the R is disabled after a read operation, the K7Q163652A and K7Q161852A will first complete burst read operation before entering into deselect mode at the next K clock rising edge. Then output drivers disabled automatically to high impedance state. |
Similar Part No. - K7Q161852A |
|
Similar Description - K7Q161852A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |