Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T3319S133BFI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70T3319S133BFI
Description  HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T3319S133BFI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70T3319S133BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 9Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 10Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 11Page - Integrated Device Technology IDT70T3319S133BFI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.42
IDT70T3339/19/99S
PRELIMINARY
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Recommended DC Operating
Conditions with VDDQ at 3.3V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control
&Data I/O Inputs)
(3)
2.0
____
VDDQ + 150mV
(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/
FT
VDD - 0.2V
____
VDD + 100mV
(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/
FT
-0.3
(1)
____
0.2
V
5652 tbl 05b
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2, or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to VDD (2.5V), and VDDQX for that port must be supplied
as indicated above.
Recommended DC Operating
Conditions with VDDQ at 2.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Volltage
(Address, Control &
Data I/O Inputs)(3)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage
_
JTAG
1.7
____
VDD + 100mV
(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/
FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/
FT
-0.3(1)
____
0.2
V
5652 tbl 05a
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to Vss(0V), and VDDQX for that port must be supplied as
indicated above.
Maximum Operating
Temperature and Supply Voltage(1)
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5652 tbl 04
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.


Similar Part No. - IDT70T3319S133BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T3319S133BFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com