Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4D551638D-TC45 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4D551638D-TC45
Description  256Mbit GDDR SDRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D551638D-TC45 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4D551638D-TC45 Datasheet HTML 7Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 8Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 9Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 10Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 11Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 12Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 13Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 14Page - Samsung semiconductor K4D551638D-TC45 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
256M GDDR SDRAM
K4D551638D-TC
- 11 -
Rev 1.8 (Oct. 2003)
DC CHARACTERISTICS
Note : 1. Measured with outputs open.
2. Refresh period is 32ms for -TC2A/33/36/40/45 (4K/32ms)
Refresh period is 64ms for -TC50/60 (8K/64ms)
Parameter
Symbol
Test Condition
Version
Unit Note
-2A
-33
-36
-40
-45
-50
-60
Operating Current
(One Bank Active)
ICC1
Burst Lenth=2 tRC
≥ tRC(min)
IOL=0mA, tCC= tCC(min)
TBD
230
220
210
200
145
125
mA
1
Precharge Standby Current
in Power-down mode
ICC2P
CKE
≤ VIL(max), tCC= tCC(min)
70
4
3
mA
Precharge Standby Current
in Non Power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min),
tCC= tCC(min)
TBD
100
90
80
70
30
25
mA
Active Standby Current
power-down mode
ICC3P
CKE
≤ VIL(max), tCC= tCC(min)
TBD
80
75
70
65
55
35
mA
Active Standby Current in
in Non Power-down mode
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min),
tCC= tCC(min)
TBD
150
140
130
120
75
55
mA
Operating Current
( Burst Mode)
ICC4
tRC
≥ tRFC(min)tRC ≥ tRFC(min)
Page Burst, All Banks activated.
TBD
450
430
410
390
250
200
mA
Refresh Current
ICC5
tRC
≥ tRFC(min)
TBD
390
380
370
360
200
180
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
4
3
mA
Recommended operating conditions Unless Otherwise Noted, TA=0 to 65°C)
1. VID is the magnitude of the difference between the input level on CK and the input level on CK
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same
3. For the K4D551638D-TC2A, VDD & VDDQ = 2.8V+0.1V.
4. For the K4D551638D-TC60, VDD & VDDQ = 2.5V+5%.
Note :
AC INPUT OPERATING CONDITIONS
Recommended operating conditions(Voltage referenced to VSS=0V, VDD=2.6V+ 0.1V, VDDQ=2.6V+ 0.1V ,TA=0 to 65
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Input High (Logic 1) Voltage; DQ
VIH
VREF+0.35
-
-
V
Input Low (Logic 0) Voltage; DQ
VIL
--
VREF-0.35
V
Clock Input Differential Voltage; CK and CK
VID
0.7
-
VDDQ+0.6
V
1
Clock Input Crossing Point Voltage; CK and CK
VIX
0.5*VDDQ-0.2
-
0.5*VDDQ+0.2
V
2


Similar Part No. - K4D551638D-TC45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC33 SAMSUNG-K4D551638F-TC33 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC36 SAMSUNG-K4D551638F-TC36 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC40 SAMSUNG-K4D551638F-TC40 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC50 SAMSUNG-K4D551638F-TC50 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D551638D-TC45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com