Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7031 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7031
Description  Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7031 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7031 Datasheet HTML 1Page - NTE Electronics NTE7031 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7031
Integrated Circuit
Module – AF Power Amp,
Single Channel, 100W Min
Features:
D Built–In Muting Circuit Reduces Pop On Noises
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
±73V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.1
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Available Time for Shorted Load (VCC = ±51.0V, RL = 8Ω, f = 50Hz, PO = 100W), ts
2sec
. . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Operating Voltage, VCC
±51.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Characteristics: (TA = +25°C, VCC = ±51.0V, RL = 8Ω, Rg = 600Ω, VG = 40dB,
RL: Non–Inductive Load unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
VCC = ±61V
15
120
mA
Output Power
PO
THD = 0.4%, f = 20Hz to 20kHz
100
W
Total Harmonic Distortion
THD
PO = 1.0W, f = 1kHz
0.4
%
Frequency Response
f
PO = 1.0W, +0dB, –3dB
20 to 50k
Hz
Input Resistance
ri
PO = 1.0W, f = 1kHz
55
k
Output Noise Voltage
VNO
VCC = ±61V, Rg = 10kΩ
1.2
mVrms
Midpoint Voltage
VN
VCC = ±61V
–70
0
+70
mV


Similar Part No. - NTE7031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
NTE7033 NTE-NTE7033 Datasheet
26Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Similar Description - NTE7031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7029 NTE-NTE7029 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE1882 NTE-NTE1882 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 100W Min, Dual Power Supplies
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
logo
Sanyo Semicon Device
STK0100II SANYO-STK0100II Datasheet
75Kb / 1P
   Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
logo
NTE Electronics
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
   Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
logo
Sanyo Semicon Device
STK4141 SANYO-STK4141 Datasheet
85Kb / 2P
   Thick Film Hybrid Integrated Circuit 2-CHANNEL 25W MIN AF POWER AMP.
logo
NTE Electronics
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
   Integrated Circuit AF Power Amp, 5.5W/Channel
NTE1315 NTE-NTE1315 Datasheet
79Kb / 2P
   Integrated Circuit Module − 2 Power, 2 Channel AF Power Amplifier, 35W Min
logo
List of Unclassifed Man...
STK040 ETC-STK040 Datasheet
111Kb / 1P
   10,15,20W MIN AF POWER AMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com