Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L469GYW Datasheet(PDF) 5 Page - Kingbright Corporation

Part # L469GYW
Description  T-1 BI COLOR INDICATOR LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L469GYW Datasheet(HTML) 5 Page - Kingbright Corporation

  L469GYW Datasheet HTML 1Page - Kingbright Corporation L469GYW Datasheet HTML 2Page - Kingbright Corporation L469GYW Datasheet HTML 3Page - Kingbright Corporation L469GYW Datasheet HTML 4Page - Kingbright Corporation L469GYW Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: CDA0789
REV NO: V.1
DATE: NOV/18/2001
PAGE: 5 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Hyper Red / Mega Green L469SURKMGKW


Similar Part No. - L469GYW

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L4601DW1T1 LRC-L4601DW1T1 Datasheet
158Kb / 3P
   Silicon NPN Epitaxial Planer Transistor(Tr1), Silicon PNP Epitaxial Planer Transistor(Tr2)
logo
STMicroelectronics
L4620 STMICROELECTRONICS-L4620 Datasheet
61Kb / 9P
   LIQUID LEVEL ALARM
L465 STMICROELECTRONICS-L465 Datasheet
296Kb / 4P
   LINEAR INTEGRATED CIRCUITS
L465A STMICROELECTRONICS-L465A Datasheet
296Kb / 4P
   LINEAR INTEGRATED CIRCUITS
logo
IXYS Corporation
L468 IXYS-L468 Datasheet
45Kb / 2P
   Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
More results

Similar Description - L469GYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-937 KINGBRIGHT-L-937 Datasheet
186Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L3VEGW KINGBRIGHT-L3VEGW Datasheet
131Kb / 4P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L937ID KINGBRIGHT-L937ID Datasheet
175Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L-469 KINGBRIGHT-L-469 Datasheet
145Kb / 5P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L3WEGW KINGBRIGHT-L3WEGW Datasheet
125Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMPS
L-115VEGW KINGBRIGHT-L-115VEGW Datasheet
132Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
L115VEGW ETC-L115VEGW Datasheet
122Kb / 4P
   T-A BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L59 KINGBRIGHT-L59 Datasheet
182Kb / 6P
   T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com