Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5109
Description  100V / 1A Peak Half Bridge Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5109 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5109 Datasheet HTML 1Page - National Semiconductor (TI) LM5109 Datasheet HTML 2Page - National Semiconductor (TI) LM5109 Datasheet HTML 3Page - National Semiconductor (TI) LM5109 Datasheet HTML 4Page - National Semiconductor (TI) LM5109 Datasheet HTML 5Page - National Semiconductor (TI) LM5109 Datasheet HTML 6Page - National Semiconductor (TI) LM5109 Datasheet HTML 7Page - National Semiconductor (TI) LM5109 Datasheet HTML 8Page - National Semiconductor (TI) LM5109 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagrams
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5109MA
SOIC-8
M08A
Shipped in anti static rails
LM5109MAX
SOIC-8
M08A
2500 shipped as Tape & Reel
LM5109SD
LLP-8
SDC08A
1000 shipped as Tape & Reel
LM5109SDX
LLP-8
SDC08A
4500 shipped as Tape & Reel
Pin Description
Pin #
Name
Description
Application Information
SO-8
LLP-8
11
V
DD
Positive gate drive supply
Locally decouple to V
SS using low ESR/ESL capacitor located
as close to IC as possible.
2
2
HI
High side control input
The LM5109 HI input is compatible with TTL input thresholds.
Unused HI input should be tied to ground and not left open
3
3
LI
Low side control input
The LM5109 LI input is compatible with TTL input thresholds.
Unused LI input should be tied to ground and not left open.
44
V
SS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device.
6
6
HS
High side source connection
Connect to the negative terminal of the bootstrap capacitor
and to the source of the high side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the low side N-MOS device.
8
8
HB
High side gate driver positive
supply rail
Connect the positive terminal of the bootstrap capacitor to HB
and the negative terminal of the bootstrap capacitor to HS.
The bootstrap capacitor should be placed as close to IC as
possible.
Note: For LLP-8 package it is recommended that the exposed pad on the bottom of the LM5109 be soldered to ground plane on the PCB board and the
ground plane should extend out from underneath the package to improve heat dissipation.
20150502
20150503
FIGURE 2.
www.national.com
2


Similar Part No. - LM5109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI-LM5109A Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109AMA NSC-LM5109AMA Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results

Similar Description - LM5109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Texas Instruments
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com