Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7033 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7033
Description  Integrated Circuit Module, Switching Regulator Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7033 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7033 Datasheet HTML 1Page - NTE Electronics NTE7033 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7033
Integrated Circuit
Module, Switching Regulator Power Supply
Features:
D Switching regulator power IC
D Single–package, selectorless regulated power supply applicable to a wide range of line
voltages from 0 to 280VAC
D The oscillation circuit is of a self–oscillation type.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
AC Input Voltage, VAC
0 to 280Vrms
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Power, POmax
80W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(150 to 280VAC)
100W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–10
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TCmax
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJmax
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Voltage Setting
VAC = 200V, IO = 0.3A
114
115
116
V
Line Regulation
VAC =85 to 280V, IO = 0.5A
0.4
1.0
V
Load Regulation
VAC = 200V, IO = 0.3 to 0.7A
1.0
1.5
V
Input Power
VAC = 200V, IO = 0.7A
103
106
W
Output Ripple Voltage
VAC = 200V, IO = 0.7A
0.4
0.6
Vp–p
Temperature Coefficient
VAC = 200V, IO = 0.7A
7
mV/
°C
Light Load Characteristic
VAC = 200V, RL = 4.7kΩ
125
135
V


Similar Part No. - NTE7033

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE7031 NTE-NTE7031 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Similar Description - NTE7033

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7025 NTE-NTE7025 Datasheet
24Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator
logo
Motorola, Inc
MC1560 MOTOROLA-MC1560 Datasheet
4Mb / 12P
   POSITIVE-POWER-SUPPLY VOLTAGE REGULATOR INTEGRATED CIRCUIT
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
NTE7046 NTE-NTE7046 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com