Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L5623MTN-CB3 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M368L5623MTN-CB3
Description  DDR SDRAM Unbuffered Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L5623MTN-CB3 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M368L5623MTN-CB3 Datasheet HTML 7Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 8Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 9Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 10Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 11Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 12Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 13Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 14Page - Samsung semiconductor M368L5623MTN-CB3 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Preliminary
2GB Unbuffered DIMM
Rev. 0.0 April 2004
DDR SDRAM
Parameter
Symbol
B3
(DDR333@CL=2.5))
A2
(DDR266@CL=2.0)
B0
(DDR266@CL=2.5))
Unit
Note
Min
Max
Min
Max
Min
Max
Mode register set cycle time
tMRD
12
15
15
ns
DQ & DM setup time to DQS
tDS
0.45
0.5
0.5
ns
j, k
DQ & DM hold time to DQS
tDH
0.45
0.5
0.5
ns
j, k
Control & Address input pulse width
tIPW
2.2
2.2
2.2
ns
8
DQ & DM input pulse width
tDIPW
1.75
1.75
1.75
ns
8
Power down exit time
tPDEX
6
7.5
7.5
ns
Exit self refresh to non-Read command
tXSNR
75
75
75
ns
Exit self refresh to read command
tXSRD
200
200
200
tCK
Refresh interval time
tREFI
7.8
7.8
7.8
us
4
Output DQS valid window
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
11
Clock half period
tHP
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
ns
10, 11
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
11
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
2
Active to Read with Auto precharge
command
tRAP
18
20
20
Autoprecharge write recovery +
Precharge time
tDAL
(tWR/tCK)
+(tRP/tCK)
(tWR/tCK)
+(tRP/tCK)
(tWR/tCK)
+(tRP/tCK)
tCK
13
System Characteristics for DDR SDRAM
The following specification parameters are required in systems using DDR333 & DDR266 devices to ensure proper sys-
tem performance. these characteristics are for system simulation purposes and are guaranteed by design.
Table 1 : Input Slew Rate for DQ, DQS, and DM
Table 2 : Input Setup & Hold Time Derating for Slew Rate
Table 3 : Input/Output Setup & Hold Time Derating for Slew Rate
AC CHARACTERISTICS
DDR333
DDR266
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Units
Notes
DQ/DM/DQS input slew rate measured between
VIH(DC), VIL(DC) and VIL(DC), VIH(DC)
DCSLEW
TBD
TBD
TBD
TBD
V/ns
a, m
Input Slew Rate
tIS
tIH
Units
Notes
0.5 V/ns
0
0
ps
i
0.4 V/ns
+50
0
ps
i
0.3 V/ns
+100
0
ps
i
Input Slew Rate
tDS
tDH
Units
Notes
0.5 V/ns
0
0
ps
k
0.4 V/ns
+75
+75
ps
k
0.3 V/ns
+150
+150
ps
k


Similar Part No. - M368L5623MTN-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLA2 SAMSUNG-M368L1624DTL-CLA2 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB0 SAMSUNG-M368L1624DTL-CLB0 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB3 SAMSUNG-M368L1624DTL-CLB3 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L5623MTN-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com