Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S6453CKS Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M464S6453CKS
Description  PC133/PC100 SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S6453CKS Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M464S6453CKS Datasheet HTML 3Page - Samsung semiconductor M464S6453CKS Datasheet HTML 4Page - Samsung semiconductor M464S6453CKS Datasheet HTML 5Page - Samsung semiconductor M464S6453CKS Datasheet HTML 6Page - Samsung semiconductor M464S6453CKS Datasheet HTML 7Page - Samsung semiconductor M464S6453CKS Datasheet HTML 8Page - Samsung semiconductor M464S6453CKS Datasheet HTML 9Page - Samsung semiconductor M464S6453CKS Datasheet HTML 10Page - Samsung semiconductor M464S6453CKS Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M464S6453CKS
Rev. 0.1 Feb. 2002
PC133/PC100 SODIMM
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, I OH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-7A
-1H
-1L
Row active to row active delay
tRRD(min)
15
20
20
ns
1
RAS to CAS delay
tRCD(min)
20
20
20
ns
1
Row precharge time
tRP(min)
20
20
20
ns
1
Row active time
tRAS(min)
45
50
50
ns
1
tRAS (max)
100
us
Row cycle time
tRC(min)
65
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,5
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output
data
CAS latency=3
2
ea
4
CAS latency=2
1
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
Notes :


Similar Part No. - M464S6453CKS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S6453EN0-C7A SAMSUNG-M464S6453EN0-C7A Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
M464S6453HV0 SAMSUNG-M464S6453HV0 Datasheet
153Kb / 8P
   SDRAM Product Guide
M464S6453JV0 SAMSUNG-M464S6453JV0 Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M464S6453CKS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Pericom Semiconductor C...
AB32 PERICOM-AB32 Datasheet
27Kb / 2P
   3.3V Bus Switches for PC100/PC133 DIMM Switching
logo
Mosel Vitelic, Corp
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V43644Y04VCTG-75 MOSEL-V43644Y04VCTG-75 Datasheet
128Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
logo
List of Unclassifed Man...
UG42S6442HSG ETC2-UG42S6442HSG Datasheet
185Kb / 2P
   16M Bytes (2M x 64 bits) PC100 SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com