Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M381L5623MTM-CA2 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M381L5623MTM-CA2
Description  DDR SDRAM Unbuffered Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M381L5623MTM-CA2 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M381L5623MTM-CA2 Datasheet HTML 4Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 5Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 6Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 7Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 8Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 9Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 10Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 11Page - Samsung semiconductor M381L5623MTM-CA2 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Preliminary
2GB Unbuffered DIMM
Rev. 0.0 April 2004
DDR SDRAM
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Unit
Notes
IDD0
1,600
1,400
1,400
mA
IDD1
1,840
1,640
1,640
mA
IDD2P
969696
mA
IDD2F
560
480
480
mA
IDD2Q
480
400
400
mA
IDD3P
480
480
480
mA
IDD3N
960
880
880
mA
IDD4R
2,080
1,800
1,800
mA
IDD4W
2,560
2,280
2,280
mA
IDD5
2,880
2,720
2,720
mA
IDD6
Normal
128
128
128
mA
Low power
mA
Optional
IDD7A
3,920
3,400
3,400
mA
DDR SDRAM IDD spec table
M368L5623MTN [ (128M x 8) * 16, 2GB Non ECC Module ]
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Unit
Notes
IDD0
1,800
1,575
1,575
mA
IDD1
2,070
1,845
1,845
mA
IDD2P
108
108
108
mA
IDD2F
630
540
540
mA
IDD2Q
540
450
450
mA
IDD3P
540
540
540
mA
IDD3N
1,080
990
990
mA
IDD4R
2,340
2,025
2,025
mA
IDD4W
2,880
2,565
2,565
mA
IDD5
3,240
3,060
3,060
mA
IDD6
Normal
144
144
144
mA
Low power
mA
Optional
IDD7A
4,410
3,825
3,825
mA
M381L5623MTM [ (128M x 8) * 18, 2GB ECC Module ]


Similar Part No. - M381L5623MTM-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M381L2923BTM-CB3 SAMSUNG-M381L2923BTM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-CCC SAMSUNG-M381L2923BTM-CCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LB3 SAMSUNG-M381L2923BTM-LB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LCC SAMSUNG-M381L2923BTM-LCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BUM-CB3 SAMSUNG-M381L2923BUM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results

Similar Description - M381L5623MTM-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com