Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M381L5623MTN Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M381L5623MTN
Description  DDR SDRAM Unbuffered Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M381L5623MTN Datasheet(HTML) 3 Page - Samsung semiconductor

  M381L5623MTN Datasheet HTML 1Page - Samsung semiconductor M381L5623MTN Datasheet HTML 2Page - Samsung semiconductor M381L5623MTN Datasheet HTML 3Page - Samsung semiconductor M381L5623MTN Datasheet HTML 4Page - Samsung semiconductor M381L5623MTN Datasheet HTML 5Page - Samsung semiconductor M381L5623MTN Datasheet HTML 6Page - Samsung semiconductor M381L5623MTN Datasheet HTML 7Page - Samsung semiconductor M381L5623MTN Datasheet HTML 8Page - Samsung semiconductor M381L5623MTN Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary
2GB Unbuffered DIMM
Rev. 0.0 April 2004
DDR SDRAM
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Height
M368L5623MTN-C(L)B3/A2/B0
2GB
128M x 64
128Mx8 (K4H1G0838M) * 16EA
1,250mil
M381L5623MTM-C(L)B3/A2/B0
2GB
128M x 72
128Mx8 (K4H1G0838M) * 18EA
1,250mil
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Speed @CL2
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
133MHz
133MHz
CL-tRCD-tRP
2.5-3-3
2-3-3
2.5-3-3
Feature
• Power supply : Vdd: 2.5V ± 0.2V, Vddq: 2.5V ± 0.2V
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe [DQ] (x4,x8) & [L(U)DQS] (x16)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 2, 2.5 (clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height 1,250 (mil) & double sided
• SSTL_2 Interface
184Pin Unbuffered DIMM based on 1Gb M-die (x8)


Similar Part No. - M381L5623MTN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M381L2923BTM-CB3 SAMSUNG-M381L2923BTM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-CCC SAMSUNG-M381L2923BTM-CCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LB3 SAMSUNG-M381L2923BTM-LB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BTM-LCC SAMSUNG-M381L2923BTM-LCC Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M381L2923BUM-CB3 SAMSUNG-M381L2923BUM-CB3 Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results

Similar Description - M381L5623MTN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com