Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T3354CZ0-CC Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M470T3354CZ0-CC
Description  DDR2 Unbuffered SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T3354CZ0-CC Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M470T3354CZ0-CC Datasheet HTML 6Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 7Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 8Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 9Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 10Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 11Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 12Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 13Page - Samsung semiconductor M470T3354CZ0-CC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 1.1 Mar. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
IDD Specification Parameters Definition
(IDD values are for full operating range of Voltage and Temperature)
Symbol
Proposed Conditions
Units
Notes
IDD0
Operating one bank active-precharge current;
tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRASmin(IDD); CKE is HIGH, CS\ is HIGH between valid com-
mands; Address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD1
Operating one bank active-read-precharge current;
IOUT = 0mA; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin(IDD), tRCD
= tRCD(IDD); CKE is HIGH, CS\ is HIGH between valid commands; Address businputs are SWITCHING;
Data pattern is same as IDD4W
mA
IDD2P
Precharge power-down current;
All banks idle; tCK = tCK(IDD); CKE is LOW; Other control and address bus inputs are STABLE; Data bus
inputs are FLOATING
mA
IDD2Q
Precharge quiet standby current;
All banks idle; tCK = tCK(IDD); CKE is HIGH, CS\ is HIGH; Other control and address bus inputsare STA-
BLE; Data bus inputs are FLOATING
mA
IDD2N
Precharge standby current;
All banks idle; tCK = tCK(IDD); CKE is HIGH, CS\ is HIGH; Other control and address bus inputs are
SWITCHING; Data bus inputs are SWITCHING
mA
IDD3P
Active power-down current;
All banks open; tCK = tCK(IDD); CKE is LOW; Other control and
address bus inputs are STABLE; Data bus inputs are FLOATING
Fast PDN Exit MRS(12) = 0mA
mA
Slow PDN Exit MRS(12) = 1mA
mA
IDD3N
Active standby current;
All banks open; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS\ is HIGH
between valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
mA
IDD4W
Operating burst write current;
All banks open, Continuous burst writes; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS = tRAS-
max(IDD), tRP = tRP(IDD); CKE is HIGH, CS\ is HIGH between valid commands; Address bus inputs are
SWITCHING; Data bus inputs are SWITCHING
mA
IDD4R
Operating burst read current;
All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS
= tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS\ is HIGH between valid commands; Address bus
inputs are SWITCHING; Data pattern is same as IDD4W
mA
IDD5B
Burst auto refresh current;
tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval; CKE is HIGH, CS\ is HIGH between valid
commands; Other control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD6
Self refresh current;
CK and CK\ at 0V; CKE
≤ 0.2V; Other control and address bus inputs
are FLOATING; Data bus inputs are FLOATING
Normal
mA
Low Power
mA
IDD7
Operating bank interleave read current;
All bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL = tRCD(IDD)-1*tCK(IDD); tCK =
tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD), tRCD = 1*tCK(IDD); CKE is HIGH, CS\ is HIGH between
valid commands; Address bus inputs are STABLE during DESELECTs; Data pattern is same as IDD4R;
Refer to the following page for detailed timing conditions
mA


Similar Part No. - M470T3354CZ0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ0-CCC SAMSUNG-M470T3354CZ0-CCC Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
More results

Similar Description - M470T3354CZ0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
logo
Micron Technology
MT16HTS25664HY MICRON-MT16HTS25664HY Datasheet
331Kb / 14P
   DDR2 SDRAM SODIMM
2006
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Micron Technology
MT8HTF6464HDY MICRON-MT8HTF6464HDY Datasheet
370Kb / 19P
   DDR2 SDRAM SODIMM
MT16HTF12864HY MICRON-MT16HTF12864HY Datasheet
345Kb / 15P
   DDR2 SDRAM SODIMM
logo
List of Unclassifed Man...
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Micron Technology
MT4HTF3264HZ MICRON-MT4HTF3264HZ Datasheet
355Kb / 17P
   DDR2 SDRAM SODIMM
logo
Samsung semiconductor
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com