Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST95YMH6TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41ST95YMH6TR
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95YMH6TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41ST95YMH6TR Datasheet HTML 3Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 4Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 5Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 6Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 7Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 8Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 9Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 10Page - STMicroelectronics M41ST95YMH6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/35
M41ST95Y*, M41ST95W
Figure 6. Block Diagram
Note: 1. Open Drain Output
2. Available only in 28-pin, 300mil SOIC (MX) package.
AI06371
COMPARE
VPFD
VCC
COMPARE
VSO
VOUT
F32k
(2)
VBL
BL
COMPARE
Crystal
SPI
INTERFACE
REAL TIME CLOCK
CALENDAR
44 BYTES
USER RAM
RTC w/ALARM
& CALIBRATION
WATCHDOG
FREQUENCY TEST
OUTPUT DRIVER
SQUARE WAVE
SDO
E
SDI
SCL
1.25V
PFI
PFO
RSTIN1
POR
SQW
RST
(1)
WDI
WDS
AFE
OUT
FT
IRQ/FT/OUT
(1)
VBAT
32kHz
OSCILLATOR
COMPARE
RSTIN2
EX
ECON
(Internal)


Similar Part No. - M41ST95YMH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
302Kb / 34P
   3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
M41ST84WMH STMICROELECTRONICS-M41ST84WMH Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41ST84WMH1 STMICROELECTRONICS-M41ST84WMH1 Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
More results

Similar Description - M41ST95YMH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
   5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com