Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M391T6453FG0-CE6 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M391T6453FG0-CE6
Description  DDR2 Unbuffered SDRAM MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391T6453FG0-CE6 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M391T6453FG0-CE6 Datasheet HTML 2Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 3Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 4Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 5Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 6Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 7Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 8Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 9Page - Samsung semiconductor M391T6453FG0-CE6 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Unbuffered DIMMs
DDR2 SDRAM
S0
DQS0
DQS0
DM0
DM
CS DQS DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
DQS1
DQS1
DM1
DM
CS DQS DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
DQS2
DQS2
DM2
DM
CS DQS DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
DQS3
DQS3
DM3
DM
NU/ CS DQS DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
DQS4
DQS4
DM4
DM
CS DQS DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
DQS5
DQS5
DM5
DM
CS DQS DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
DQS6
DQS6
DM6
DM
CS DQS DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
DQS7
DQS7
DM7
DM
CS DQS DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
Notes :
1. DQ,DM, DQS/DQS resistors : 22 Ohms
± 5%.
2. BAx, Ax, RAS, CAS, WE resistors : 5.1 Ohms
± 5%.
Functional Block Diagram: 256MB, 32Mx64 Module(Populated as 1 rank of x8 DDR2 SDRAMs)
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
*Wire per Clock Loading
Table/Wiring Diagrams
* Clock Wiring
Clock Input
DDR2 SDRAMs
*CK0/
CK0
*CK1/
CK1
*CK2/
CK2
2 DDR2 SDRAMs
3 DDR2 SDRAMs
3 DDR2 SDRAMs
VSS
D0 - D7
VDD/VDDQ
D0 - D7
D0 - D7
VREF
VDDSPD
Serial PD
A0 - A12
A0-A12 : DDR2 SDRAMs D0 - D7
RAS
RAS : DDR2 SDRAMs D0 - D7
CAS
CAS : DDR2 SDRAMs D0 - D7
WE
WE : DDR2 SDRAMs D0 - D7
CKE0
CKE : DDR2 SDRAMs D0 - D7
BA0 - BA1
BA0-BA1 : DDR2 SDRAMs D0 - D7
ODT0
ODT : DDR2 SDRAMs D0 - D7
M378T3253FG(Z)3 / M378T3253FG(Z)0


Similar Part No. - M391T6453FG0-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391T6453FGZ0-CE6/D5/CC SAMSUNG-M391T6453FGZ0-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M391T6453FGZ3-CE6/D5/CC SAMSUNG-M391T6453FGZ3-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
More results

Similar Description - M391T6453FG0-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com