Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST95WMX6TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41ST95WMX6TR
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41ST95WMX6TR Datasheet HTML 6Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 7Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 8Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 9Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 10Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 11Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 12Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 13Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
M41ST95Y*, M41ST95W
10/35
Signal Description
Serial Data Output (SDO). The
output
pin
is
used to transfer data serially out of the Memory.
Data is shifted out on the falling edge of the serial
clock.
Serial Data Input (SDI). The input pin is used to
transfer data serially into the device. Instructions,
addresses, and the data to be written, are each re-
ceived this way. Input is latched on the rising edge
of the serial clock.
Serial Clock (SCL). The serial clock provides the
timing for the serial interface (as shown in Figure
9., page 11 and Figure 10., page 11). The W/R
Bit, addresses, or data are latched, from the input
pin, on the rising edge of the clock input. The out-
put data on the SDO pin changes state after the
falling edge of the clock input.
The M41ST95Y/W can be driven by a microcon-
troller with its SPI peripheral running in either of
the two following modes:
(CPOL, CPHA) = ('0', '0') or
(CPOL, CPHA) = ('1', '1').
For these two modes, input data (SDI) is latched in
by the low-to-high transition of clock SCL, and out-
put data (SDO) is shifted out on the high-to-low
transition of SCL (see Table 2 and Figure 8).
Chip Enable (E). When E is high, the memory
device is deselected, and the SDO output pin is
held in its high impedance state.
After power-on, a high-to-low transition on E is re-
quired prior to the start of any operation.
Table 2. Function Table
Note: 1. SDO remains at High Z until eight bits of data are ready to be shifted out during a READ.
Figure 8. Data and Clock Timing
Mode
E
SCL
SDI
SDO
Disable Reset
H
Input Disabled
Input Disabled
High Z
WRITE
L
Data Bit latch
High Z
READ
L
X
Next data bit shift (1)
AI04630
AI04631
AI06368
SCL
SCL
MSB
LSB
CPHA
SDI
0
1
CPOL
0
1
MSB
LSB
SDO


Similar Part No. - M41ST95WMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
302Kb / 34P
   3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
M41ST84WMH STMICROELECTRONICS-M41ST84WMH Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41ST84WMH1 STMICROELECTRONICS-M41ST84WMH1 Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
More results

Similar Description - M41ST95WMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
   5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com