Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T2953CZ0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M470T2953CZ0
Description  DDR2 Unbuffered SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T2953CZ0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M470T2953CZ0 Datasheet HTML 1Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 2Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 3Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 4Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 5Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 6Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 7Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 8Page - Samsung semiconductor M470T2953CZ0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. 1.1 Mar. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
Functional Block Diagram: 512MB, 64Mx64 Module(Populated as 2 rank of x16 DDR2 SDRAMs)
M470T6554CZ0
S0
DQS1
DQS1
DM1
CS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
LDQS
LDQS
LDM
DQS0
DQS0
DM0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS5
DQS5
DM5
CS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
LDQS
LDQS
LDM
DQS4
DQS4
DM4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS3
DQS3
DM3
CS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
LDQS
LDQS
LDM
DQS2
DQS2
DM2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS7
DQS7
DM7
CS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
LDQS
LDQS
LDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
C
K
E
O
D
T
C
K
E
O
D
T
C
K
E
O
D
T
C
K
E
O
D
T
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
LDQS
LDQS
LDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
LDQS
LDQS
LDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
C
K
E
O
D
T
C
K
E
O
D
T
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
LDQS
LDQS
LDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
LDQS
LDQS
LDM
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
C
K
E
O
D
T
C
K
E
O
D
T
S1
CKE0
CKE1
ODT0
ODT1
SPD
SA0
SCL
SDA
VSS
DDR2 SDRAMs D0 - D7, SPD
VREF
DDR2 SDRAMs D0 - D7
DDR2 SDRAMs D0 - D7, VDD and VDDQ
VDD
VDDSPD
Serial PD
WP
SA1
SCL
A0
A1
A2
A0 - A13
DDR2 SDRAMs D0 - D7
RAS
DDR2 SDRAMs D0 - D7
CAS
DDR2 SDRAMs D0 - D7
WE
DDR2 SDRAMs D0 - D7
BA0 - BA1
DDR2 SDRAMs D0 - D7
3
Ω + 5%
Notes :
1. DQ,DM, DQS/DQS resistors : 22 Ohms
± 5%.
2. BAx, Ax, RAS, CAS, WE resistors : 3.0 Ohms
± 5%.
* Wire per Clock Loading
Table/Wiring Diagrams
* Clock Wiring
Clock Input
DDR2 SDRAMs
*CK0/CK0
*CK1/CK1
4 DDR2 SDRAMs
4 DDR2 SDRAMs
3
Ω + 5%
DQS6
DQS6
DM6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55


Similar Part No. - M470T2953CZ0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953CZ0-CCC SAMSUNG-M470T2953CZ0-CCC Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T2953CZ0-CD5 SAMSUNG-M470T2953CZ0-CD5 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T2953CZ0-CE6 SAMSUNG-M470T2953CZ0-CE6 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T2953CZ0-CE7 SAMSUNG-M470T2953CZ0-CE7 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T2953CZ0-CLCC SAMSUNG-M470T2953CZ0-CLCC Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
More results

Similar Description - M470T2953CZ0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
logo
Micron Technology
MT16HTS25664HY MICRON-MT16HTS25664HY Datasheet
331Kb / 14P
   DDR2 SDRAM SODIMM
2006
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Micron Technology
MT8HTF6464HDY MICRON-MT8HTF6464HDY Datasheet
370Kb / 19P
   DDR2 SDRAM SODIMM
MT16HTF12864HY MICRON-MT16HTF12864HY Datasheet
345Kb / 15P
   DDR2 SDRAM SODIMM
logo
List of Unclassifed Man...
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Micron Technology
MT4HTF3264HZ MICRON-MT4HTF3264HZ Datasheet
355Kb / 17P
   DDR2 SDRAM SODIMM
logo
Samsung semiconductor
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com