Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5166 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5166
Description  32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5166 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5166 Datasheet HTML 1Page - Maxim Integrated Products MAX5166 Datasheet HTML 2Page - Maxim Integrated Products MAX5166 Datasheet HTML 3Page - Maxim Integrated Products MAX5166 Datasheet HTML 4Page - Maxim Integrated Products MAX5166 Datasheet HTML 5Page - Maxim Integrated Products MAX5166 Datasheet HTML 6Page - Maxim Integrated Products MAX5166 Datasheet HTML 7Page - Maxim Integrated Products MAX5166 Datasheet HTML 8Page - Maxim Integrated Products MAX5166 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
mA
32-Channel Sample/Hold Amplifier
with Four Multiplexed Inputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -5V, VL = +5V ±5%, AGND = DGND, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Note 1: Guaranteed by design.
Note 2: Only one M_ input may be asserted low at a time, so only one channel is selected (see Single vs. Simultaneous Sampling).
Note 3: Do not exceed the absolute maximum rating for VDD to VSS of +15.75V (see Absolute Maximum Ratings).
For both VDD and VSS in
sample mode, VIN = 0
VA0–VA3 = 0.8V or 2V;
VM0, VM1, VM2 = 0.8V or 2V
A_ = DGND or VL;
M_ = DGND or VL
RL =
RL =
(Note 3)
(Note 3)
A_ = DGND or VL; M_ = DGND or VL
CONDITIONS
dB
-60
-75
PSRR
Power-Supply Rejection Ratio
mA
5
IL
Digital Logic Supply Current
0.5
mA
36
ISS
Negative Analog Supply Current
mA
36
IDD
Positive Analog Supply Current
V
4.75
5.0
5.25
VL
Digital Logic Supply Voltage
V
-4.75
-5.0
-5.45
VSS
Negative Analog Supply Voltage
V
9.5
10.0
10.5
VDD
Positive Analog Supply Voltage
V
0.8
VIL
Input Voltage Low
V
2.0
VIH
Input Voltage High
µA
-1
+1
II
Input Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL INPUTS
POWER SUPPLIES


Similar Part No. - MAX5166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Analog Devices
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5167 MAXIM-MAX5167 Datasheet
178Kb / 12P
   32-Channel Sample/Hold Amplifier with Output Clamping Diodes
Rev 0; 4/00
logo
Analog Devices
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com