Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3345EEBE-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3345EEBE-T
Description  -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3345EEBE-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3345EEBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 9Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 10Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 11Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 12Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 13Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 14Page - Maxim Integrated Products MAX3345EEBE-T Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX3344E/MAX3345E
help the user design equipment that meets level 4 of IEC
1000-4-2, without the need for additional ESD-protection
components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is a higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body Model.
Figure 1c shows the IEC 1000-4-2 model.
The Air-Gap Discharge Method involves approaching
the device with a charged probe. The Contact
Discharge Method connects the probe to the device
before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a 200pF
storage capacitor and zero discharge resistance. Its
objective is to emulate the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. All pins require this protection during manufactur-
ing. Therefore, after PC board assembly, the Machine
Model is less relevant to I/O ports.
Applications Information
External Components
External Resistors
Two external 23.7Ω ±1% to 27.4Ω ±1%, 1/2W resistors
are required for USB connection. Place the resistors
in between the MAX3344E/MAX3345E and the USB
connector on the D+ and D- lines (see the Typical
Operating Circuit).
External Capacitors
Use three external capacitors for proper operation. Use
a 0.1µF ceramic for decoupling VL, a 1µF ceramic for
decoupling VCC, and a 1.0µF (min) ceramic or plastic
filter capacitor on VTRM. Return all capacitors to GND.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit board
techniques, bump-pad layout, and recommended reflow
temperature profile, as well as the latest information on
reliability testing results, refer to the Application Note
UCSP—A Wafer-Level Chip-Scale Package available on
Maxim’s website at www.maxim-ic.com/ucsp.
±15kV ESD-Protected USB Transceivers
in UCSP with USB Detect
______________________________________________________________________________________
11
Chip Information
TRANSISTOR COUNT: 2162
PROCESS: BiCMOS


Similar Part No. - MAX3345EEBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results

Similar Description - MAX3345EEBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com