Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5056BASA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5056BASA
Description  4A, 20ns, Dual MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5056BASA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5056BASA Datasheet HTML 1Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 2Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 3Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 4Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 5Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 6Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 7Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 8Page - Maxim Integrated Products MAX5056BASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5054–MAX5057 dual, high-speed MOSFET
drivers source and sink up to 4A peak current. These
devices feature a fast 20ns propagation delay and 20ns
rise and fall times while driving a 5000pF capacitive
load. Propagation delay time is minimized and matched
between the inverting and noninverting inputs and
between channels. High sourcing/sinking peak cur-
rents, low propagation delay, and thermally enhanced
packages make the MAX5054–MAX5057 ideal for high-
frequency and high-power circuits.
The MAX5054–MAX5057 operate from a 4V to 15V single
power supply and consume 40µA (typ) of supply current
when not switching. These devices have internal logic
circuitry that prevents shoot-through during output state
changes to minimize the operating current at high
switching frequency. The logic inputs are protected
against voltage spikes up to +18V, regardless of the VDD
voltage. The MAX5054A is the only version that has
CMOS input logic levels while the MAX5054B/MAX5055/
MAX5056/MAX5057 have TTL input logic levels.
The MAX5055–MAX5057 provide the combination of dual
inverting, dual noninverting, and inverting/noninverting
input drivers. The MAX5054 feature both inverting and
noninverting inputs per driver for greater flexibility. They
are available in 8-pin TDFN (3mm x 3mm), standard SO,
and thermally enhanced SO packages. These devices
operate over the automotive temperature range of -40°C
to +125°C.
Applications
Power MOSFET Switching
Motor Control
Switch-Mode Power Supplies
Power-Supply Modules
DC-DC Converters
Features
♦ 4V to 15V Single Power Supply
♦ 4A Peak Source/Sink Drive Current
♦ 20ns (typ) Propagation Delay
♦ Matching Delay Between Inverting and
Noninverting Inputs
♦ Matching Propagation Delay Between Two
Channels
♦ VDD / 2 CMOS Logic Inputs (MAX5054AATA)
♦ TTL Logic Inputs
(MAX5054B/MAX5055/MAX5056/MAX5057)
♦ 0.1 x VDD (CMOS) and 0.3V (TTL) Logic-Input
Hysteresis
♦ Up to +18V Logic Inputs (Regardless of VDD
Voltage)
♦ Low Input Capacitance: 2.5pF (typ)
♦ 40µA (typ) Quiescent Current
♦ -40°C to +125°C Operating Temperature Range
♦ 8-Pin TDFN and SO Packages
4A, 20ns, Dual MOSFET Drivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX5054
INA+
INA-
INB+
INB-
OUTB
OUTA
VDD
GND
PWM IN
VOUT
VIN
Typical Operating Circuit
19-3348; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed pad. Package code S8E-14.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX5054AATA
-40
°C to +125°C
8 TDFN-EP*
AGS
MAX5054BATA
-40
°C to +125°C
8 TDFN-EP*
AGR
MAX5055AASA
-40
°C to +125°C
8 SO-EP*
MAX5055BASA
-40
°C to +125°C
8 SO
MAX5056AASA
-40
°C to +125°C
8 SO-EP*
MAX5056BASA
-40
°C to +125°C
8 SO
MAX5057AASA
-40
°C to +125°C
8 SO-EP*
MAX5057BASA
-40
°C to +125°C
8 SO
Selector Guide and Pin Configurations appear at end of
data sheet.


Similar Part No. - MAX5056BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5056BASA MAXIM-MAX5056BASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5056BASA MAXIM-MAX5056BASA Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5056BASA++ MAXIM-MAX5056BASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5056BASA++ MAXIM-MAX5056BASA+ Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
More results

Similar Description - MAX5056BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com