Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5290BEUD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5290BEUD
Description  Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5290BEUD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5290BEUD Datasheet HTML 6Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 7Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 8Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 9Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 10Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 11Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 12Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 13Page - Maxim Integrated Products MAX5290BEUD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit,
Voltage-Output DACs
10
______________________________________________________________________________________
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE (12-BIT)
DIGITAL INPUT CODE
3072
2048
1024
-3
-2
-1
0
1
2
3
4
-4
0
4096
UNITY GAIN
B-GRADE
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE (10-BIT)
DIGITAL INPUT CODE
768
512
256
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
1024
UNITY GAIN
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE (8-BIT)
DIGITAL INPUT CODE
192
128
64
-0.25
0
0.25
0.50
-0.50
0
256
UNITY GAIN
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (12-BIT)
DIGITAL INPUT CODE
3072
2048
1024
-0.1
0
0.1
0.2
-0.2
0
4096
UNITY GAIN
B-GRADE
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (10-BIT)
DIGITAL INPUT CODE
768
512
256
-0.025
0
0.025
0.050
-0.050
0
1024
UNITY GAIN
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (8-BIT)
DIGITAL INPUT CODE
192
128
64
-0.01
0
0.01
0.02
-0.02
0
256
UNITY GAIN
Typical Operating Characteristics
(AVDD = DVDD = 3V, VREF = 2.5V, RL = 10k
Ω, CL = 100pF, speed mode = FAST, PU = floating, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5290BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5290BEUD MAXIM-MAX5290BEUD Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results

Similar Description - MAX5290BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com