Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6023EBT12-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6023EBT12-T
Description  Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6023EBT12-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6023EBT12-T Datasheet HTML 4Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 5Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 6Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 7Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 8Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 9Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 10Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 11Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Note 2: Devices are 100% production tested at TA = +25°C and are guaranteed by design from TA = TMIN to TMAX.
Note 3: Guaranteed by design.
Note 4: Temperature hysteresis is defined as the change in TA = +25°C output voltage before and after temperature cycling of the
device from TA = TMIN to TMAX.
Note 5: Dropout voltage is the minimum input voltage at which VOUT changes
≤ 0.2% from VOUT at VIN = +5.0V (VIN = +5.5V for
MAX6023EBT50).
Precision, Low-Power, Low-Dropout, UCSP
Voltage Reference
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS–MAX6023EBT50 (VOUT = 5.000V)
(VIN = +5.5V, IOUT = 0, TA = TMIN to TMAX , unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
TA = +25°C
4.990
5.0
5.010
V
Initial Voltage Accuracy
TA = +25°C
-0.20
+0.20
%
Output Voltage Temperature
Coefficient
(Note 3)
10
30
ppm/°C
Line Regulation
∆VOUT/
∆VIN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
50
160
µV/V
0
≤ IOUT ≤ 500µA
1.2
2.2
Load Regulation
∆VOUT/
∆IOUT
-500µA
≤ IOUT ≤ 0
0.3
1.1
µV/µA
Dropout Voltage
(VIN -
VOUT)
IOUT = 500µA (Note 5)
100
200
mV
Short to GND
4
Short-Circuit Current
ISC
Short to IN
10
mA
Temperature Hysteresis
(Note 4)
90
ppm
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25°C50
ppm/
1000hr
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
120
µVp-p
Noise Voltage
eOUT
f = 10Hz to 10kHz
240
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = +5V ±100mV, f = 120Hz
72
dB
Turn-On Settling Time
tR
To VOUT within 0.1% of final value,
COUT = 50pF
220
µs
Capacitive-Load Stability Range
COUT
(Note 3)
0
2.2
nF
INPUT
Supply-Voltage Range
VIN
Guaranteed by line-regulation test
VOUT
+ 0.2
12.6
V
Quiescent Supply Current
IIN
27
35
µA
Change in Supply Current
∆IIN/∆VIN
2.5V
≤ VIN ≤ 12.6V
0.9
2.0
µA/V


Similar Part No. - MAX6023EBT12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
   CHIP SCALE DEVICES
Rev. A July 17, 2003
More results

Similar Description - MAX6023EBT12-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com