Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6220ASA25 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6220ASA25
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6220ASA25 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6220ASA25 Datasheet HTML 2Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 3Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 4Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 5Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 6Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 7Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 8Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 9Page - Maxim Integrated Products MAX6220ASA25 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage Reference
8
_______________________________________________________________________________________
Detailed Description
Temperature Stability
The MAX6220 is a highly stable, low-noise voltage ref-
erence that uses a low-power temperature-compensa-
tion scheme to achieve laboratory-standard temper-
ature stability. This produces a nearly flat temperature
curve, yet does not require the power associated with
heated references.
The output voltage can be trimmed 0.6% (min) by con-
necting a 10k
Ω potentiometer between OUT and GND,
and connecting its tap to the TRIM pin (Figure 1). The
external trimming does not affect temperature stability.
Noise Reduction
To augment wideband noise reduction, add a 1µF
capacitor to the NR pin (Figure 2). Larger values do not
improve noise appreciably (see Typical Operating
Characteristics).
Noise in the power-supply input can affect output
noise, but can be reduced by adding an optional
bypass capacitor to the IN pin and GND.
Bypassing
The MAX6220 is stable with capacitive load values from
0µF to 100µF, for all values of load current. Adding an
output bypass capacitor can help reduce noise and
output glitching caused by load transients.
Applications Information
Negative Regulator
Figure 3 shows how both a +5V and -5V precision ref-
erence can be obtained from a single unregulated +5V
supply. The MAX865 generates approximately ±9V to
operate both the MAX6220 reference and the MAX480
inverting amplifier. The +5V is inverted by the MAX480.
Resistor R1 is optional, and may be used to trim the
±5V references. R2 and R4 should be matched, both in
absolute resistance and temperature coefficient. R3 is
optional, and is adjusted to set the -5V reference.
_____________________Pin Description
NAME
FUNCTION
1, 7, 8
I.C.
Internally Connected. Do not use.
2
IN
Positive Power-Supply Input
PIN
4
GND
Ground
3
NR
Noise Reduction. Optional capacitor
connection for wideband noise
reduction. Leave open if not used
(Figure 2).
6
OUT
Voltage Reference Output
5
TRIM
External Trim Input. Allows ±1%
output adjustment (Figure 1).
Leave open if not used.
MAX6220
IN
8V TO 40V INPUT
REFERENCE OUT
OUT
TRIM
10k
NR
GND
MAX6220
IN
8V TO 40V INPUT
REFERENCE OUT
OUT
TRIM
NR
*OPTIONAL
1
µF
GND
2.2
µF*
Figure 1. Output Voltage Adjustment
Figure 2. Noise-Reduction Capacitor


Similar Part No. - MAX6220ASA25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
MAX622-MAX623 MAXIM-MAX622-MAX623 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225ACPA MAXIM-MAX6225ACPA Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
More results

Similar Description - MAX6220ASA25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
logo
Intersil Corporation
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Maxim Integrated Produc...
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
logo
Renesas Technology Corp
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com