Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7384A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7384A
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7384A Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX7384A Datasheet HTML 1Page - Maxim Integrated Products MAX7384A Datasheet HTML 2Page - Maxim Integrated Products MAX7384A Datasheet HTML 3Page - Maxim Integrated Products MAX7384A Datasheet HTML 4Page - Maxim Integrated Products MAX7384A Datasheet HTML 5Page - Maxim Integrated Products MAX7384A Datasheet HTML 6Page - Maxim Integrated Products MAX7384A Datasheet HTML 7Page - Maxim Integrated Products MAX7384A Datasheet HTML 8Page - Maxim Integrated Products MAX7384A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX7384 is a dual-speed clock generator with inte-
grated reset for microcontrollers (µCs) and UARTs in 3V,
3.3V, and 5V applications. The MAX7384 is a replace-
ment for crystal-oscillator modules, crystals, or ceramic
resonators and a system reset IC. The high-speed clock
frequency and reset threshold voltage are factory
trimmed to specific values (see Table 1). A variety of
popular standard frequencies are available. The low-
speed clock frequency is fixed at 32.768kHz; see Table
2. No external components are required for setting or
adjusting the frequency.
Oscillator
The push-pull clock output drives a load to within
400mV of either supply rail. The clock output remains
stable over the full operating voltage range and does
not generate short output cycles during either power-on
or changing of the frequency. A typical oscillating start-
up is shown in the Typical Operating Characteristics.
Clock-Speed Selection
Drive SPEED low to select slow clock speed (nominally
32.768kHz) or high to select full clock speed. SPEED can
be connected to VCC or to GND to select fast or slow
clock speed, or connected to a logic output (such as a µP
GPIO port) used to change clock speed on the fly. If
SPEED is connected to a µP GPIO port, connect a pullup
or pulldown resistor to set the clock to the preferred
speed on power-up. SPEED input bias current is 2µA
(max), so a resistor value as high as 500kΩ can be used.
Applications Information
Interfacing to a Microcontroller
Clock Input
The MAX7384 clock output is a push-pull, CMOS, logic
output that directly drives a µP or µC clock input. There
are no impedance-matching issues when using the
MAX7384. Refer to the microcontroller data sheet for
clock input compatibility with external clock signals.
The MAX7384 requires no biasing components or load
capacitance. When using the MAX7384 to retrofit a
crystal oscillator, remove all biasing components from
the oscillator input.
Reset Output
The MAX7384 is available with three reset output stage
options: push-pull active low, push-pull active high, and
open-drain active low. RST is asserted when the moni-
tored input (VCC) drops below the internal VTH- threshold
and remains asserted for 120µs after the monitored input
exceeds the internal VTH+ threshold. The open-drain
RST output requires an external pullup resistor.
Output Jitter
The MAX7384’s jitter performance is given in the
Electrical Characteristics table as a peak-to-peak value
obtained by observing the output of the MAX7384 for
Silicon Oscillator with Low-Power Frequency
Switching and Reset Output
6
_______________________________________________________________________________________
MAX7384
RST
CLOCK
10MHz TO 16MHz
(HF OSCILLATOR)
POR
VCC 2.7V TO 5.5V
GND
32kHz
(LF OSCILLATOR)
VL
MUX
LOGIC
SPEED
Figure 1. Functional Diagram
Pin Description
PIN
NAME
FUNCTION
1VCC
Positive Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
2VL
Output Supply Voltage. Bypass VL to GND with a 0.1µF capacitor. VL must be connected to VCC.
3
SPEED
Clock-Speed Select Input. Drive SPEED low to select the 32kHz fixed frequency. Drive SPEED high
to select factory-trimmed frequency.
4
RST
Reset Output. Open-drain or push-pull output. See the Ordering Information.
5
CLOCK
Push-Pull Clock Output
6
GND
Ground
7
E.C.
Externally Connected. Connect to Vcc.
8
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX7384A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR106-T MAXIM-MAX7381AXR106-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR126-T MAXIM-MAX7381AXR126-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR146-T MAXIM-MAX7381AXR146-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR166-T MAXIM-MAX7381AXR166-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
More results

Similar Description - MAX7384A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com