Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7384C Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7384C
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7384C Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7384C Datasheet HTML 1Page - Maxim Integrated Products MAX7384C Datasheet HTML 2Page - Maxim Integrated Products MAX7384C Datasheet HTML 3Page - Maxim Integrated Products MAX7384C Datasheet HTML 4Page - Maxim Integrated Products MAX7384C Datasheet HTML 5Page - Maxim Integrated Products MAX7384C Datasheet HTML 6Page - Maxim Integrated Products MAX7384C Datasheet HTML 7Page - Maxim Integrated Products MAX7384C Datasheet HTML 8Page - Maxim Integrated Products MAX7384C Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silicon Oscillator with Low-Power Frequency
Switching and Reset Output
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125°C. Typical values are at VCC = 5.0V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 5V, TA = +25°C
32.268
32.768
33.268
Slow Clock Frequency
fCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
31.768
32.768
33.768
kHz
Slow Clock Temperature
Coefficient
TA = -40°C to +125°C
±50
±325
ppm/°C
Duty Cycle
(Note 2)
40
50
60
%
Output Jitter
Observation of 16MHz for 20s using a
12GHz oscilloscope
80
psP-P
Output Rise Time
tR
10% to 90%
5
ns
Output Fall Time
tF
90% to 10%
5
ns
TA = +25°C
-2
+2
Power-On-Reset Threshold
VTH
VCC rising, deviation
from nominal threshold
TA = -40°C to
+125°C
-5
+5
%
Power-On-Reset Hysteresis
VHYST
Difference between rising and falling
thresholds
1%
Power-On-Reset Delay
PORdly
VCC rising from 0 to 5V in 1µs at +25°C
122
µs
RESET OUTPUT
VL = 4.5V, ISOURCE = 7.0mA
VCC -
0.4
Output High Voltage
(Note 3)
VOH
VL = 2.7V, ISOURCE = 2.0mA
VCC -
0.4
V
VL = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VL = 2.7V, ISOURCE = 10mA
0.4
V
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design. Not production tested.
Note 3: For push-pull output only.


Similar Part No. - MAX7384C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR106-T MAXIM-MAX7381AXR106-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR126-T MAXIM-MAX7381AXR126-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR146-T MAXIM-MAX7381AXR146-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR166-T MAXIM-MAX7381AXR166-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
More results

Similar Description - MAX7384C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com