Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7442ESD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7442ESD
Description  6-Channel Integrated Video Reconstruction Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7442ESD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7442ESD Datasheet HTML 1Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 2Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 3Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 4Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 5Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 6Page - Maxim Integrated Products MAX7442ESD Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6-Channel Integrated Video Reconstruction
Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, RL = 5k
Ω, CL = 0 to 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................................+6V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
14-Pin SO (derate 8.3mW/°C above +70°C)..............666.7mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC to 3.5MHz, MAX7440/MAX7441
(channels 2, 3, 4)
-0.40
-0.2
+0.10
Passband Response
DC to 5MHz, MAX7440/MAX7441
(channels 2, 3, 4)
-0.80
-0.5
0
dB
Stopband Attenuation
Asb
f = 27MHz
37
45
dB
+1dB HF boost,
MAX7441
0.4
0.60
0.91
Boost Amplitude
f = 4.5MHz
+2dB HF boost,
MAX7442
1.2
dB
Differential Gain
dG
5-step modulated staircase
0.05
%
Differential Phase
dB
5-step modulated staircase
0.05
Degrees
Signal-to-Noise Ratio
SNR
Peak signal (1VP-P) to RMS noise, f = 10Hz
to 100MHz
71
dB
Channels 2, 3, 4
2
Group Delay Matching
tg(MATCH)
Low-frequency
channel-to-channel
matching,
f = 200kHz
Channels 1, 5, 6
2
ns
MAX7440/MAX7441/
MAX7442
10
MAX7441 (channels
1, 5, 6)
17
Group Delay Deviation
g
Deviation from
100kHz to 4.5MHz
MAX7442 (channels
1, 5, 6)
17
ns
Line-Time Distortion
Hdist
18µs, 100IRE bar
-3
0
+3
mV
Field-Time Distortion
Vdist
130 lines, 18µs, 100IRE bar
-4
+4
mV
Low-Frequency Gain Variation
AV
Gain at f = 100kHz
-0.25
+0.25
dB
Low-Frequency Gain
0.975
V/V
Low-Frequency Gain Matching
tg
f = 100kHz
-3
+3
%
Input Voltage Range
0
1.75
V
Channel-to-Channel Crosstalk
XTALK
Channel-to-channel crosstalk, DC to 5MHz
71
dB
Input Leakage Current
IIN
VIN = 0V
2
6
25
µA


Similar Part No. - MAX7442ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7443 MAXIM-MAX7443 Datasheet
239Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
19-2749; Rev 0; 1/03
MAX7443 MAXIM-MAX7443 Datasheet
270Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
Rev 1; 1/06
MAX7443 MAXIM-MAX7443 Datasheet
97Kb / 4P
   Compatible with Standard Video Test Equipment
Rev 1; 8/07
MAX7443ESA MAXIM-MAX7443ESA Datasheet
239Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
19-2749; Rev 0; 1/03
MAX7443ESA MAXIM-MAX7443ESA Datasheet
270Kb / 8P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
Rev 1; 1/06
More results

Similar Description - MAX7442ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
logo
ON Semiconductor
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com